Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 3 Page - Linear Technology

  LTC2204 Datasheet HTML 1Page - Linear Technology LTC2204 Datasheet HTML 2Page - Linear Technology LTC2204 Datasheet HTML 3Page - Linear Technology LTC2204 Datasheet HTML 4Page - Linear Technology LTC2204 Datasheet HTML 5Page - Linear Technology LTC2204 Datasheet HTML 6Page - Linear Technology LTC2204 Datasheet HTML 7Page - Linear Technology LTC2204 Datasheet HTML 8Page - Linear Technology LTC2204 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2201
3
2201f
CONVERTER CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No missing codes)
16
Integral Linearity Error
Differential Analog Input (Note 5)
l
±1.5
±5
LSB
Differential Linearity Error
Differential Analog Input
l
±0.3
±1
LSB
Offset Error
(Note 6)
l
±2
±10
mV
Offset Drift
±10
μV/°C
Gain Error
External Reference
l
±0.2
±1.5
%FS
Full-Scale Drift
Internal Reference
External Reference
±30
±15
ppm/°C
ppm/°C
Transition Noise
External Reference (2.5V Range, PGA = 0)
1.92
LSBRMS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (AIN+ AIN–)
3.135V ≤ VDD ≤ 3.465V
1.667 or 2.5
VP-P
VIN, CM
Analog Input Common Mode
Differential Input (Note 7)
l
1
1.25
1.5
V
IIN
Analog Input Leakage Current
0V ≤ AIN+, AIN– ≤ VDD (Note 9)
l
–1
1
μA
ISENSE
SENSE Input Leakage Current
0V ≤ SENSE ≤ VDD (Note 10)
l
–3
3
μA
IMODE
MODE Pin Pull-Down Current to GND
10
μA
IOE
OE Pin Pull-Down Current to GND
10
μA
CIN
Analog Input Capacitance
Sample Mode CLK = 0
Hold Mode CLK = 0
10.5
1.4
pF
pF
tAP
Sample-and-Hold
Acquisition Delay Time
0.9
ns
tJITTER
Sample-and-Hold
Acquisition Delay Time Jitter
200
fsRMS
CMRR
Analog Input
Common Mode Rejection Ratio
1V < (AIN+ = AIN–) <1.5V
80
dB
BW-3dB
Full Power Bandwidth
RS < 20Ω
380
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
1MHz Input (2.25V Range, PGA = 0)
1MHz Input (1.667V Range, PGA = 1)
81.6
79.4
dBFS
dBFS
5MHz Input (2.5V Range, PGA = 0)
5MHz Input (1.667V Range, PGA = 1)
l
80
81.6
79.4
dBFS
dBFS
12.5MHz Input (2.5V Range, PGA = 0)
12.5MHz Input (1.667V Range, PGA = 1)
81.4
79.3
dBFS
dBFS
30MHz Input (2.5V Range, PGA = 0)
30MHz Input (1.667V Range, PGA = 1)
80.8
78.9
dBFS
dBFS
70MHz Input (2.5V Range, PGA = 0)
70MHz Input (1.667V Range, PGA =1 )
78.3
77.2
dBFS
dBFS
ANALOG INPUT
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
The
l denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 4)


Similar Part No. - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK LINER-LTC2204CUK Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-PBF LINER-LTC2204CUK-PBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TR LINER-LTC2204CUK-TR Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TRPBF LINER-LTC2204CUK-TRPBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
More results

Similar Description - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com