Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204 Datasheet(PDF) 17 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC2204 Datasheet HTML 13Page - Linear Technology LTC2204 Datasheet HTML 14Page - Linear Technology LTC2204 Datasheet HTML 15Page - Linear Technology LTC2204 Datasheet HTML 16Page - Linear Technology LTC2204 Datasheet HTML 17Page - Linear Technology LTC2204 Datasheet HTML 18Page - Linear Technology LTC2204 Datasheet HTML 19Page - Linear Technology LTC2204 Datasheet HTML 20Page - Linear Technology LTC2204 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC2201
17
2201f
Data Format
The LTC2201 parallel digital output can be selected for offset
binary or 2’s complement format. The format is selected
with the MODE pin. This pin has a four level logic input,
centered at 0, 1/3VDD, 2/3VDD and VDD. An external resis-
tor divider can be user to set the 1/3VDD and 2/3VDD logic
levels. Table 1 shows the logic states for the MODE pin.
Table 1. MODE Pin Function
MODE
OUTPUT FORMAT
CLOCK DUTY
CYCLE STABILIZER
0(GND)
Offset Binary
Off
1/3VDD
Offset Binary
On
2/3VDD
2’s Complement
On
VDD
2’s Complement
Off
Overflow Bit
An overflow output bit (OF) indicates when the converter
is over-ranged or under-ranged. A logic high on the OF
pin indicates an overflow or underflow.
Output Clock
The ADC has a delayed version of the CLK input available
as a digital output. Both a noninverted version, CLKOUT+
and an inverted version CLKOUTare provided. The
CLKOUT+/CLKOUTcan be used to synchronize the con-
verter data to the digital system. This is necessary when
using a sinusoidal clock. Data can be latched on the rising
edge of CLKOUT+ or the falling edge of CLKOUT. CLKOUT+
falls and CLKOUTrises as the data outputs are updated.
DIGITAL OUTPUTS
Digital Output Buffers
Figure 9 shows an equivalent circuit for a single output
buffer in CMOS Mode. Each buffer is powered by OVDD
and OGND, isolated from the ADC power and ground. The
additional N-channel transistor in the output driver allows
operation down to low voltages. The internal resistor in
series with the output makes the output appear as 50Ω
to external circuitry and eliminates the need for external
damping resistors.
As with all high speed/high resolution converters, the
digital output loading can affect the performance. The
digital outputs of the LTC2201 should drive a small capaci-
tive load to avoid possible interaction between the digital
outputs and sensitive input circuitry. The output should
be buffered with a device such as a ALVCH16373 CMOS
latch. For full speed operation the capacitive load should
be kept under 10pF. A resistor in series with the output
may be used but is not required since the ADC has a series
resistor of 43Ω on chip.
Lower OVDD voltages will also help reduce interference
from the digital outputs.
2201 F09
OVDD
VDD
VDD
0.1μF
TYPICAL
DATA
OUTPUT
OGND
43Ω
OVDD
0.5V
TO 3.6V
PREDRIVER
LOGIC
DATA
FROM
LATCH
LTC2201
Figure 9. Equivalent Circuit for a Digital Output Buffer
APPLICATIONS INFORMATION


Similar Part No. - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK LINER-LTC2204CUK Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-PBF LINER-LTC2204CUK-PBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TR LINER-LTC2204CUK-TR Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TRPBF LINER-LTC2204CUK-TRPBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
More results

Similar Description - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com