Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2204 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2204
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2204 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2204 Datasheet HTML 6Page - Linear Technology LTC2204 Datasheet HTML 7Page - Linear Technology LTC2204 Datasheet HTML 8Page - Linear Technology LTC2204 Datasheet HTML 9Page - Linear Technology LTC2204 Datasheet HTML 10Page - Linear Technology LTC2204 Datasheet HTML 11Page - Linear Technology LTC2204 Datasheet HTML 12Page - Linear Technology LTC2204 Datasheet HTML 13Page - Linear Technology LTC2204 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2201
10
2201f
SENSE (Pin 1): Reference Mode Select and External Refer-
ence Input. Tie SENSE to VDD with 1k Ω or less to select
the internal 2.5V bandgap reference. An external reference
of 2.5V or 1.25V may be used; both reference values will
set a full scale ADC range of 2.5V (PGA = 0).
VCM(Pin2):1.25VOutput.Optimumvoltageforinputcom-
mon mode. Must be bypassed to ground with a minimum
of 2.2μF. Ceramic chip capacitors are recommended.
VDD (Pins 3, 4, 12, 13, 14): 3.3V Analog Supply Pin.
Bypass to GND with 0.1μF ceramic chip capacitors.
GND (Pins 5, 8, 9, 11, 15, 48, 49): ADC Power
Ground.
AIN+ (Pin 6): Positive Differential Analog Input.
AIN– (Pin 7): Negative Differential Analog Input.
CLK (Pin 10): Clock Input. The hold phase of the sample-
and-hold circuit begins on the falling edge. The output
data may be latched on the rising edge of CLK.
SHDN (Pin 16): Power Shutdown Pin. SHDN = low results
in normal operation. SHDN = high results in powered
down analog circuitry and the digital outputs are placed
in a high impedance state.
DITH (Pin 17): Internal Dither Enable Pin. DITH = low
disables internal dither. DITH = high enables internal
dither. Refer to Internal Dither section of this data sheet
for details on dither operation.
D0-D15 (Pins 18-22, 26-28, 32-35 and 39-42): Digital
Outputs. D15 is the MSB.
OGND (Pins 23, 31 and 38): Output Driver Ground.
OVDD (Pins 24, 25, 36, 37): Positive Supply for the Output
Drivers. Bypass to ground with 0.1μF capacitors.
CLKOUT(Pin 29):
Data Valid Output. CLKOUTwill toggle
at the sample rate. Latch the data on the falling edge of
CLKOUT.
CLKOUT+ (Pin 30): Inverted Data Valid Output. CLKOUT+
will toggle at the sample rate. Latch the data on the rising
edge of CLKOUT+.
OF (Pin 43): Over/Under Flow Digital Output. OF is high
when an over or under flow has occurred.
OE (Pin 44): Output Enable Pin. Low enables the digital
output drivers. High puts digital outputs in Hi-Z state.
MODE (Pin 45): Output Format and Clock Duty Cycle
Stabilizer Selection Pin. Connecting MODE to 0V selects
offset binary output format and disables the clock duty
cycle stabilizer. Connecting MODE to 1/3VDD selects offset
binary output format and enables the clock duty cycle sta-
bilizer. Connecting MODE to 2/3VDDselects2’scomplement
output format and enables the clock duty cycle stabilizer.
Connecting MODE to VDD selects 2’s complement output
format and disables the clock duty cycle stabilizer.
RAND (Pin 46): Digital Output Randomization Selection Pin.
RAND low results in normal operation. RAND high selects
D1-D15 to be EXCLUSIVE-ORed with D0 (the LSB). The
output can be decoded by again applying an XOR operation
between the LSB and all other bits. The mode of operation
reduces the effects of digital output interference.
PGA(Pin47):ProgrammableGainAmplifierControlPin.Low
selects a front-end gain of 1, input range of 2.5VP-P. High
selects a front-end gain of 1.5, input range of 1.667VP-P.
GND (Exposed Pad, Pin 49): ADC Power Ground. The ex-
posed pad on the bottom of the package must be soldered
to ground.
PIN FUNCTIONS


Similar Part No. - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2204 LINER-LTC2204 Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK LINER-LTC2204CUK Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-PBF LINER-LTC2204CUK-PBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TR LINER-LTC2204CUK-TR Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
LTC2204CUK-TRPBF LINER-LTC2204CUK-TRPBF Datasheet
6Mb / 36P
   16-Bit, 65Msps/40Msps
More results

Similar Description - LTC2204

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com