Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2369-18 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2369-18
Description  18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2369-18 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2369-18 Datasheet HTML 10Page - Linear Technology LTC2369-18 Datasheet HTML 11Page - Linear Technology LTC2369-18 Datasheet HTML 12Page - Linear Technology LTC2369-18 Datasheet HTML 13Page - Linear Technology LTC2369-18 Datasheet HTML 14Page - Linear Technology LTC2369-18 Datasheet HTML 15Page - Linear Technology LTC2369-18 Datasheet HTML 16Page - Linear Technology LTC2369-18 Datasheet HTML 17Page - Linear Technology LTC2369-18 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC2369-18
14
236918fa
APPLICATIONS INFORMATION
Power Supply Sequencing
The LTC2369-18 does not have any specific power supply
sequencing requirements. Care should be taken to adhere
to the maximum voltage relationships described in the
Absolute Maximum Ratings section. The LTC2369-18
has a power-on-reset (POR) circuit that will reset the
LTC2369-18 at initial power-up or whenever the power
supply voltage drops below 1V. Once the supply voltage
re-enters the nominal supply voltage range, the POR will
reinitialize the ADC. No conversions should be initiated
until 20μs after a POR event to ensure the reinitialization
period has ended. Any conversions initiated before this
time will produce invalid results.
TIMING AND CONTROL
CNV Timing
The LTC2369-18 conversion is controlled by CNV. A ris-
ing edge on CNV will start a conversion and power up the
LTC2369-18. Once a conversion has been initiated, it cannot
be restarted until the conversion is complete. For optimum
performance, CNV should be driven by a clean low jitter
signal. Converter status is indicated by the BUSY output
which remains high while the conversion is in progress.
To ensure that no errors occur in the digitized results, any
additional transitions on CNV should occur within 40ns
from the start of the conversion or after the conversion
has been completed. Once the conversion has completed,
the LTC2369-18 powers down and begins acquiring the
input signal.
Internal Conversion Clock
The LTC2369-18 has an internal clock that is trimmed to
achieve a maximum conversion time of 412ns. With a min-
imum acquisition time of 200ns, throughput performance
of 1.6Msps is guaranteed without any external adjustments.
Auto Power-Down
The LTC2369-18 automatically powers down after a
conversion has been completed and powers up once a
new conversion is initiated on the rising edge of CNV.
During power down, data from the last conversion can
be clocked out. To minimize power dissipation during
Figure 9. Power Supply Current of the LTC2369-18
Versus Sampling Rate
SAMPLING RATE (kHz)
0
4
6
1600
236918 F09
2
0
400
800
1200
200
600
1000
1400
8
3
5
1
7
IVDD
IREF
IOVDD
power down, disable SDO and turn off SCK. The auto
power-down feature will reduce the power dissipation of
the LTC2369-18 as the sampling frequency is reduced.
Since power is consumed only during a conversion, the
LTC2369-18 remains powered down for a larger fraction of
the conversion cycle (tCYC) at lower sample rates, thereby
reducing the average power dissipation which scales with
the sampling rate as shown in Figure 9.
DIGITAL INTERFACE
The LTC2369-18 has a serial digital interface. The flexible
OVDD supply allows the LTC2369-18 to communicate with
any digital logic operating between 1.8V and 5V, including
2.5V and 3.3V systems.
The serial output data is clocked out on the SDO pin when
an external clock is applied to the SCK pin if SDO is enabled.
Clocking out the data after the conversion will yield the
best performance. With a shift clock frequency of at least
100MHz, a 1.6Msps throughput is still achieved. The serial
output data changes state on the rising edge of SCK and
can be captured on the falling edge or next rising edge of
SCK. D17 remains valid till the first rising edge of SCK.
The serial interface on the LTC2369-18 is simple and
straightforward to use. The following sections describe the
operation of the LTC2369-18. Several modes are provided
depending on whether a single or multiple ADCs share the
SPI bus or are daisy chained.


Similar Part No. - LTC2369-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2369-18 LINER-LTC2369-18 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2369-18 LINER-LTC2369-18 Datasheet
2Mb / 50P
   16-Bit, 500ksps, 8-Channel SAR ADC with 96dB SNR
LTC2369-18 LINER-LTC2369-18 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2369-18 LINER-LTC2369-18 Datasheet
1Mb / 50P
   18-Bit, 1Msps, 8-Channel SAR ADC with 100dB SNR
More results

Similar Description - LTC2369-18

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2369-18 LINER-LTC2369-18_15 Datasheet
898Kb / 24P
   18-Bit, 1.6Msps, Pseudo- Differential Unipolar SAR ADC with 96.5dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2367-18 LINER-LTC2367-18_15 Datasheet
1Mb / 24P
   18-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
   18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Linear Technology
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2367-16 LINER-LTC2367-16_15 Datasheet
527Kb / 24P
   16-Bit, 500ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-16 LINER-LTC2368-16_15 Datasheet
2Mb / 24P
   16-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
   16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Analog Devices
AD4000 AD-AD4000_17 Datasheet
1Mb / 36P
   Precision, Pseudo Differential, SAR ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com