Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2202 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2202
Description  16-Bit, 20Msps ADC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2202 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2202 Datasheet HTML 3Page - Linear Technology LTC2202 Datasheet HTML 4Page - Linear Technology LTC2202 Datasheet HTML 5Page - Linear Technology LTC2202 Datasheet HTML 6Page - Linear Technology LTC2202 Datasheet HTML 7Page - Linear Technology LTC2202 Datasheet HTML 8Page - Linear Technology LTC2202 Datasheet HTML 9Page - Linear Technology LTC2202 Datasheet HTML 10Page - Linear Technology LTC2202 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2201
7
2201f
Integral Nonlinearity (INL)
vs Output Code
Differential Nonlinearity (DNL)
vs Output Code
AC Grounded Input Histogram
(256k Samples)
CODE
0
0.0
0.5
1.0
65536
2201 G01
–0.5
–1.0
–2.0
16384
32768
49152
–1.5
2.0
1.5
CODE
0
–1.0
–0.8
–0.4
–0.2
0.0
1.0
0.4
16384
32768
2201 G02
–0.6
0.6
0.8
0.2
49152
65536
OUTPUT CODE
32812
0
10000
20000
30000
40000
50000
60000
32816
32820
32824
32828
2201 G03
32832
tAP
ANALOG
INPUT
tH
tD
tC
tL
N – 7
N – 6
N – 5
N – 4
N – 3
CLK
CLKOUT+
CLKOUT
D0-D15, OF
2201 TD01
N + 1
N + 2
N + 4
N + 3
N
TIMING DIAGRAM
TYPICAL PERFORMANCE CHARACTERISTICS
SFDR vs Input Level,
fIN = 5MHz, PGA = 0, Dither “Off”
SFDR vs Input Level,
fIN = 5MHz, PGA = 0, Dither “On”
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G04
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G05
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140
SFDR vs Input Level, fIN = 12.7MHz,
PGA = 0, Dither “Off”
INPUT LEVEL (dBFS)
–70
80
100
120
2201 G06
60
40
–60
–50
–40
–30
–20
–10
0
20
0
140


Similar Part No. - LTC2202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2202 LINER-LTC2202 Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
LTC2202 LINER-LTC2202 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2202 LINER-LTC2202 Datasheet
802Kb / 32P
   12-Bit,170Msps/ 135Msps ADCs
LTC2202 LINER-LTC2202 Datasheet
405Kb / 24P
   16-Bit, 20Msps Serial Low Noise Dual ADC
LTC2202CUK LINER-LTC2202CUK Datasheet
1Mb / 32P
   16-Bit, 25Msps/10Msps ADCs
More results

Similar Description - LTC2202

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2201 LINER-LTC2201_15 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269_15 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2269 LINER-LTC2269 Datasheet
762Kb / 32P
   16-Bit, 20Msps Low Noise ADC
LTC2270 LINER-LTC2270 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2270 LINER-LTC2270_15 Datasheet
584Kb / 36P
   16-Bit, 20Msps Low Noise Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Maxim Integrated Produc...
MAX1425 MAXIM-MAX1425 Datasheet
212Kb / 16P
   10-Bit, 20Msps ADC
19-1597; Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com