Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3827-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3827-1
Description  High Voltage Surge
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3827-1 Datasheet HTML 7Page - Linear Technology LTC3827-1 Datasheet HTML 8Page - Linear Technology LTC3827-1 Datasheet HTML 9Page - Linear Technology LTC3827-1 Datasheet HTML 10Page - Linear Technology LTC3827-1 Datasheet HTML 11Page - Linear Technology LTC3827-1 Datasheet HTML 12Page - Linear Technology LTC3827-1 Datasheet HTML 13Page - Linear Technology LTC3827-1 Datasheet HTML 14Page - Linear Technology LTC3827-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT4363
11
4363fa
APPLICATIONS INFORMATION
The LT4363 limits the voltage and current delivered to the
loadduringsupplytransientoroutputoverloadevents.The
total fault timer period is set to ride through short-duration
faults, while longer events cause the output to shut off
and protect the MOSFET pass device from damage. The
MOSFET provides a low resistance path from the input to
the load during normal operation, while in fault conditions
it operates as a series regulator.
Overvoltage Fault
The LT4363 limits the voltage at the output during an
overvoltage at the input. An internal amplifier regulates
the GATE pin to maintain 1.275V at the FB pin. During
this interval the MOSFET is on and supplies current to
the load. This allows uninterrupted operation during short
overvoltage events. If the overvoltage condition persists,
the timer causes the MOSFET to turn off.
Overcurrent Fault
The LT4363 features and adjustable current limit that pro-
tectsagainstoutputshortcircuitsorexcessiveloadcurrent.
During an overcurrent event, the GATE pin is regulated to
limit the current sense voltage across the SNS and OUT
pins to 50mV. In the case of a severe short at the output,
where OUT is less than 2V, the current sense voltage is
reduced to 25mV to further reduce power dissipation in
the MOSFET. If the overcurrent condition persists, the
timer causes the MOSFET to turn off.
Fault Timer Overview
Overvoltage and overcurrent conditions are limited in
duration by an adjustable timer. A capacitor at the TMR pin
sets the delay time before a fault condition is reported at
the FLT pin as well as the overall delay before the MOSFET
is turned off. The same capacitor also sets the cool down
time before the MOSFET is allowed to turn back on.
When either an overvoltage or overcurrent fault condition
occurs, a current source charges the TMR pin capacitor.
The exact current level varies as a function of the type of
fault and the VDS voltage drop across the MOSFET. This
scheme takes better advantage of the MOSFET’s available
SafeOperatingArea(SOA)thanwouldafixedtimercurrent.
The TMR pin is biased to 0.5V under normal operating
conditions. In the presence of a fault the timer first charges
to 1.275V, and then enters the early warning phase of
operation. At this point the FLT pin pulls low and after
charging to 1.375V, the timer shuts off the MOSFET. The
warning phase is indicated by FLT low and gives time for
the load to perform house-keeping chores such as data
storage in anticipation of impending power loss. After
faulting off, the timer enters the cool down phase. At the
end of the cool down period the LT4363-1 remains off until
reset, while the LT4363-2 automatically restarts. For the
LT4363-2 retry is inhibited if the OV pin is greater than
1.275V. This prevents motorboating in the event there is
a sustained input overvoltage condition.
Fault Timer Operation in Overvoltage
In the presence of an overvoltage condition when the
LT4363 regulates the output voltage, the timer charges
from 0.5V to 1.275V with a current that varies as a func-
tion of VDS (see Figure 1). VDS is inferred from the drop
across VCC and OUT. The timer current increases linearly
from around 4µA with VDS ≤ 0.5V, to 50µA with VDS = 75V.
Because VDS is measured indirectly, clamping or filtering
at the VCC pin affects the timer current response. A graph
of Overvoltage TMR Current vs (VCC – VOUT) is shown in
the Typical Performance Characteristics.
When TMR reaches 1.275V, the FLT pin is latched low as
an early warning of impending shutdown. The timer cur-
rent is cut to a fixed value of 6µA and continues to run
until TMR reaches 1.375V, producing a fixed early warning
period given by:
CTMR = tWARNING
6µA
100mV
When TMR reaches 1.375V, the MOSFET is turned off and
allowed to cool for an extended period. The total elapsed
time between the onset of output regulation and turn-off
is given by:
tREG =CTMR
0.775V
ITMR
+
100mV
6µA


Because ITMR is a function of VCC – VOUT, the exact time in
regulation depends upon the input waveform and the time
required for the output voltage to come into regulation.


Similar Part No. - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1 Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827-1 LINER-LTC3827-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827-1 LINER-LTC3827-1 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827-1 LINEAR-LTC3827-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4366 LINER-LTC4366 Datasheet
296Kb / 24P
   High Voltage Surge Stopper
logo
Shanghai Leiditech Elec...
LB145F LEIDITECH-LB145F Datasheet
1Mb / 2P
   High voltage surge capabilities
logo
Token Electronics Indus...
RI80 TOKEN-RI80 Datasheet
607Kb / 6P
   High Voltage Surge Resistor
logo
List of Unclassifed Man...
SUR25 ETC2-SUR25 Datasheet
682Kb / 1P
   HIGH VOLTAGE SURGE RESISTORS
logo
Linear Technology
LTC4366-1 LINER-LTC4366-1_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
LTC4366-2 LINER-LTC4366-2_15 Datasheet
290Kb / 24P
   High Voltage Surge Stopper
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
   HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
Linear Technology
LTC4366HTS8-1 LINER-LTC4366HTS8-1 Datasheet
461Kb / 6P
   Very High Voltage Surge Stopper
logo
ON Semiconductor
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com