Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3437 Datasheet(PDF) 10 Page - Linear Technology

Part # LT3437
Description  Monolithic Dual Tracking 2A Step-Down Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3437 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3437 Datasheet HTML 6Page - Linear Technology LT3437 Datasheet HTML 7Page - Linear Technology LT3437 Datasheet HTML 8Page - Linear Technology LT3437 Datasheet HTML 9Page - Linear Technology LT3437 Datasheet HTML 10Page - Linear Technology LT3437 Datasheet HTML 11Page - Linear Technology LT3437 Datasheet HTML 12Page - Linear Technology LT3437 Datasheet HTML 13Page - Linear Technology LT3437 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
LT3510
10
3510fe
BLOCK DIAGRAM
Figure 1. Block Diagram (One of Two Switching Regulators Shown)
The LT3510 is dual channel, constant frequency, current
mode buck converter with internal 2A switches. Each
channel is identical with a common shutdown pin, internal
regulator, oscillator, undervoltage detect, thermal shutdown
and power-on reset.
If the SHDN pin is taken below its 1.28V threshold the
LT3510 will be placed in a low quiescent current mode.
In this mode the LT3510 typically draws 9μA from VIN1
and <1μA from VIN2. In shutdown mode the PG is active
with a typical sink capability of 50μA for VIN1 voltage
greater than 2V.
When the SHDN pin is opened or driven above 1.28V,
the internal bias circuits turn on generating an internal
regulated voltage, 0.8VFB, 0.975V RT/SYNC references,
and a POR signal which sets the soft-start latch.
As the RT/SYNC pin reaches its 0.975V regulation point,
the internal oscillator will start generating two clock sig-
nals 180° out of phase for each regulator at a frequency
determined by the resistor from the RT/SYNCpintoground.
Alternatively, if a synchronization signal is detected by the
LT3510 at the RT/SYNC pin, clock signals 180° out of phase
+
+
INTERNAL
REGULATOR
AND
REFERENCE
OSCILLATOR
AND
AGC
POR
UNDERVOLTAGE
TSD
7μA
SHUTDOWN
COMPARATOR
RT/SYNC
R3
VIN1
SHDN
3μA
1.28V
GND
S
0.8V
LOWEST
VOLTAGE
POWER GOOD
COMPARATOR
SOFT-START
RESET
COMPARATOR
0.72V
VC
C
RQ
3.25A
CLK1
ONE CHANNEL
CLK2
R
S
Q
PRE
DRIVER
CIRCUITRY
DROPOUT
ENHANCEMENT
SLOPE
COMPENSATION
+
+
VIN
VOUT
BST
L1
D
D
R1
R2
C3
C
SW
IND
FB
PGOOD
3510 BD
+
+
+
80mV
C
SS
VC CLAMP
SS CLAMP
APPLICATIONS INFORMATION


Similar Part No. - LT3437

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3437 LINER-LT3437 Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437 LINER-LT3437 Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3437EDD LINER-LT3437EDD Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3437EDD LINER-LT3437EDD Datasheet
558Kb / 28P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100關A Quiescent Current
LT3437EFE LINER-LT3437EFE Datasheet
523Kb / 24P
   High Voltage 500mA, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
More results

Similar Description - LT3437

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com