Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3032 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3032
Description  Dual 150mA Positive/Negative Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3032 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3032 Datasheet HTML 2Page - Linear Technology LT3032 Datasheet HTML 3Page - Linear Technology LT3032 Datasheet HTML 4Page - Linear Technology LT3032 Datasheet HTML 5Page - Linear Technology LT3032 Datasheet HTML 6Page - Linear Technology LT3032 Datasheet HTML 7Page - Linear Technology LT3032 Datasheet HTML 8Page - Linear Technology LT3032 Datasheet HTML 9Page - Linear Technology LT3032 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3032 Series
6
3032fd
TYPICAL PERFORMANCE CHARACTERISTICS
INN-to-OUTN
Dropout Voltage
INP Quiescent Current
INN Quiescent Current
INP-to-OUTP
Typical Dropout Voltage
INN-to-OUTN
Typical Dropout Voltage
INP-to-OUTP
Dropout Voltage
LOAD CURRENT (mA)
500
450
400
350
300
250
200
150
100
50
0
3032 G01
020
40
60
80
100 120 140 160
TJ = 125°C
TJ = 25°C
LOAD CURRENT (mA)
0
500
450
400
350
300
250
200
150
100
50
0
3032 G02
–40
–80
–120
–160
TJ = 125°C
TJ = 25°C
TEMPERATURE (°C)
–50
0
50
75
3032 G03
–25
25
100
125
IL = 150mA
IL = 50mA
IL = 10mA
IL = 1mA
500
450
400
350
300
250
200
150
100
50
0
TEMPERATURE (°C)
–50
0
50
75
3032 G04
–25
25
100
125
500
450
400
350
300
250
200
150
100
50
0
IL = 150mA
IL = 10mA
IL = 1mA
IL = 50mA
TEMPERATURE (°C)
–50
100
3032 G05
050
70
50
60
40
30
20
10
0
–25
25
75
125
IL = 0 (FIXED VOLTAGES)
IL = 5μA (ADJUSTABLE)
VSHDNP = VINP = 6V
(5V, ADJ)
VSHDNP = VINP = VOUTP(NOMINAL) +1V
(12V, 15V)
VSHDNP = 0V, VINP = 6V
TEMPERATURE (°C)
–60
–50
–40
–30
–20
–10
0
3032 G06
IL = 0 (FIXED VOLTAGES)
IL = –5μA (ADJUSTABLE)
–50
–25
0
25
50
75
100
125
VSHDNN = VINN = VOUTN(NOMINAL) –1V
(12V, 15V)
VSHDNN = VINN = –6V
(5V, ADJ)
VSHDNN = 0V, VINN = –6V
LT3032-5 OUTP Output Voltage
LT3032-5 OUTN Output Voltage
LT3032-12 OUTP Output Voltage
TEMPERATURE (°C)
–50
100
3032 G52
050
5.100
5.075
5.050
5.025
5.000
4.975
4.950
4.925
4.900
–25
25
75
125
IL = 1mA
TEMPERATURE (°C)
–50
25
3032 G53
–25
0
50
–5.100
–5.075
–5.050
–5.025
–5.000
–4.975
–4.950
–4.925
–4.900
75
100
125
IL = –1mA
TEMPERATURE (°C)
–50
100
3032 G58
050
12.24
12.18
12.12
12.06
12.00
11.94
11.88
11.82
11.76
–25
25
75
125
IL = 1mA


Similar Part No. - LT3032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Analog Devices
LT3032 AD-LT3032 Datasheet
3Mb / 45P
   Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
logo
Linear Technology
LT3032EDE LINER-LT3032EDE Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032EDEPBF LINER-LT3032EDEPBF Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
More results

Similar Description - LT3032

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
   Dual ,Low-Noise,150mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com