Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3434 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3434
Description  Monolithic Dual Tracking 2A Step-Down Switching
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3434 Datasheet HTML 2Page - Linear Technology LT3434 Datasheet HTML 3Page - Linear Technology LT3434 Datasheet HTML 4Page - Linear Technology LT3434 Datasheet HTML 5Page - Linear Technology LT3434 Datasheet HTML 6Page - Linear Technology LT3434 Datasheet HTML 7Page - Linear Technology LT3434 Datasheet HTML 8Page - Linear Technology LT3434 Datasheet HTML 9Page - Linear Technology LT3434 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT3510
6
3510fe
TYPICAL PERFORMANCE CHARACTERISTICS
External Sync Duty Cycle Range
vs External Sync Frequency
Frequency and Phase vs RT/SYNC
Pin Resistance
Switch Saturation Voltage
vs Switch Current
Minimum Boost Voltage
vs Temperature
VOUT + IND Current
vs Temperature
VOUT + IND Current
vs VOUT Voltage
Minimum Input Voltage
vs Load Current
Minimum Input Voltage
vs Load Current
Minimum Input Voltage
vs Load Current
FREQUENCY (kHz)
250
60
80
100
1250
3510 G17
40
20
50
70
90
30
10
0
500
750
1000
1500
MAXIMUM CLOCK
DUTY CYCLE
MINIMUM CLOCK
DUTY CYCLE
RESISTANCE (kΩ)
0
20
40
60
80
100
120
140
800
1200
3510 G18
400
100
1600
600
1000
200
1400
170
180
160
150
190
165
175
155
185
FREQUENCY
PHASE
CURRENT (A)
0.5
150
200
250
1.1
1.5
3510 G19
100
50
0
0.7
0.9
1.3
1.7
1.9
125°C
25°C
–50°C
TEMPERATURE (°C)
–50
–25
0
1.0
2.5
0
50
75
3510 G21
0.5
2.0
1.5
25
100
125
TEMPERATURE (°C)
–50
50
55
65
70
75
100
85
0
50
75
3510 G22
60
90
95
80
–25
25
100
125
VOLTAGE (V)
0
60
80
100
1.6
3510 G23
40
20
50
70
90
30
10
0
0.4
0.2
0.8
0.6
1.2 1.4
1.8
1.0
2.0
CURRENT (mA)
1
2.0
2.5
3.0
3.5
4.0
4.5
5.0
10
100
1000
10000
3510 G24
VOUT = 2.5V
RUNNING
CURRENT (mA)
1
4.5
5.0
5.5
6.0
6.5
7.0
7.5
10
100
1000
10000
3510 G26
VOUT = 5V
RUNNING
CURRENT (mA)
1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
10
100
1000
10000
3510 G25
VOUT = 3.3V
RUNNING


Similar Part No. - LT3434

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3434 LINER-LT3434 Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT3434EFE LINER-LT3434EFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434IFE LINER-LT3434IFE Datasheet
367Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
LT3434 LINER-LT3434_15 Datasheet
413Kb / 24P
   High Voltage 3A, 200kHz Step-Down Switching Regulator with 100쨉A Quiescent Current
More results

Similar Description - LT3434

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3510 LINER-LT3510_15 Datasheet
355Kb / 30P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3510 LINER-LT3510 Datasheet
310Kb / 28P
   Monolithic Dual Tracking 2A Step-Down Switching Regulator
LT3501 LINER-LT3501_15 Datasheet
445Kb / 30P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A_15 Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3501 LINER-LT3501 Datasheet
446Kb / 28P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692A LINER-LT3692A Datasheet
729Kb / 42P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3692 LINER-LT3692 Datasheet
532Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992A LINER-LT3992A Datasheet
226Kb / 6P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
LT3692 LINER-LT3692_15 Datasheet
604Kb / 36P
   Monolithic Dual Tracking 3.5A Step-Down Switching Regulator
LT3992 LINER-LT3992 Datasheet
641Kb / 36P
   Monolithic Dual Tracking 3A Step-Down Switching Regulator
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com