Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1964 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1964
Description  Dual 150mA Positive/Negative Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1964 Datasheet(HTML) 5 Page - Linear Technology

  LT1964 Datasheet HTML 1Page - Linear Technology LT1964 Datasheet HTML 2Page - Linear Technology LT1964 Datasheet HTML 3Page - Linear Technology LT1964 Datasheet HTML 4Page - Linear Technology LT1964 Datasheet HTML 5Page - Linear Technology LT1964 Datasheet HTML 6Page - Linear Technology LT1964 Datasheet HTML 7Page - Linear Technology LT1964 Datasheet HTML 8Page - Linear Technology LT1964 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT3032 Series
5
3032fd
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3032 is tested and specified under pulse load conditions
such that TJ ≅ TA. The LT3032E is 100% tested at TA = 25°C. Performance
of the LT3032E over the full –40°C to 125°C operating junction
temperature range is assured by design, characterization, and correlation
with statistical process controls. The LT3032I regulators are guaranteed
over the full –40°C to 125°C operating junction temperature range.
Note 3: Parasitic diodes exist internally between the INN pin and the OUTN,
ADJN, and SHDNN pins. These pins cannot be pulled more than 0.5V
below the INN pin during fault conditions, and must remain at a voltage
more positive than the INN pin during operation.
Note 4: Operating conditions are limited by maximum junction
temperature. Specifications do not apply for all possible combinations of
input voltages and output currents. When operating at maximum input
voltages, the output current ranges must be limited. When operating at
maximum output currents, the input voltage ranges must be limited.
Note 5: The LT3032 is tested and specified for these conditions with the
ADJP pin tied to the OUTP pin and the ADJN pin tied to the OUTN pin.
Note 6: To satisfy requirements for minimum input voltage, the LT3032 is
tested and specified for these conditions with an external resistor divider
(two 250k resistors) from OUTP/OUTN to the corresponding ADJP/ADJN
pin to give an output voltage of ±2.44V. The external resistor divider adds a
5μA DC load on the output. The LT3032-12/LT3032-15 have higher internal
resistor divider current, resulting in higher GND pin current at light/no load.
Note 7: Dropout voltage is the minimum input-to-output voltage
differential needed to maintain regulation at a specified output current. In
dropout, output voltage equals:
VINP/INN – VDROPOUT
For lower output voltages, dropout voltage is limited by the minimum
input voltage specification under some output voltage/load conditions;
see curves for Minimum INN Voltage and Minimum INP Voltage in Typical
Performance Characteristics. LTC is unable to guarantee Maximum
Dropout Voltage specifications at 50mA and 150mA due to production
test limitations with Kelvin-Sensing the package pins. Please consult the
Typical Performance Characteristics for curves of Dropout Voltage as a
function of Output Load Current and Temperature.
Note 8: GND pin current is tested with VINP = VOUTP(NOMINAL) or VINN =
VOUTN(NOMINAL) and a current source load. This means the device is tested
while operating in its dropout region. This is the worst-case GND pin
current. GND pin current decreases slightly at higher input voltages.
Note 9: Positive current flow is into the pin. Negative current flow is out of
the pin.
Note 10: For input-to-output differential voltages from INN to OUTN
greater than –7V, a –50μA load is needed to maintain regulation.
Note 11: Reverse output current is tested with the INP pin grounded and
the OUTP pin forced to the nominal output voltage. This current flows into
the OUTP pin and out the GND pin.
Note 12: Positive side current limit is tested at VINP = 2.3V or
VOUTP(NOMINAL) + 1V (whichever is more positive). Negative side current
limit is tested at VINN = –2.3V or VOUTN(NOMINAL) – 1V (whichever is more
negative).
Note 13: LTC is unable to guarantee load regulation specifications on
fixed voltage versions of the LT3032 due to production test limitations
with Kelvin-Sensing the package pins. Please consult the Typical
Performance Characteristics for curves of Load Regulation as a function of
Temperature.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Noise (10Hz to 100kHz)
COUTP = 10μF, CBYPP 0.01μF, ILOAD = 150mA
COUTN = 10μF, CBYPN 0.01μF, ILOAD = –150mA
20
30
μVRMS
μVRMS
Ripple Rejection
VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz
VINP to VOUTP = 1.5V (Average), ILOAD = 100mA
VINN to VOUTN = –1.5V (Average), ILOAD = –100mA
50
46
68
54
dB
dB
Current Limit (Note 12)
VINP = 7V, VOUTP = 0V
VINN = –7V, VOUTN = 0V
VINP = 2.3V or VOUTP(NOMINAL) + 1V, ΔVOUTP = –0.1V
VINN = –2.3V or VOUTP(NOMINAL) – 1V, ΔVOUTN = 0.1V
l
l
170
170
400
350
mA
mA
mA
mA
INP Reverse Leakage Current
VINP = –20V, VOUTP = 0V
l
–1
mA
INN Reverse Leakage Current
VINN = 20V, VOUTN, VADJN, VSHDNN = Open Circuit
l
1mA
Reverse Output Current
(Notes 5, 11)
LT3032-5
LT3032-12
LT3032-15
LT3032
VOUTP = 5V, VINP < 5V
VOUTP = 12V, VINP < 12V
VOUTP = 15V, VINP < 15V
VOUTP = VADJP = 1.22V, VINP < 1.22V
10
25
25
5
20
50
50
10
μA
μA
μA
μA


Similar Part No. - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1964 LINER-LT1964 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964 Datasheet
251Kb / 14P
   500mA Micropower VLDO Linear Regulators Fast Transient Recovery
LT1964 LINER-LT1964 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
LT1964 LINER-LT1964 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
More results

Similar Description - LT1964

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
   Dual ,Low-Noise,150mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com