Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1763 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1763
Description  1.5A, Low Noise, Negative Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1763 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1763 Datasheet HTML 4Page - Linear Technology LT1763 Datasheet HTML 5Page - Linear Technology LT1763 Datasheet HTML 6Page - Linear Technology LT1763 Datasheet HTML 7Page - Linear Technology LT1763 Datasheet HTML 8Page - Linear Technology LT1763 Datasheet HTML 9Page - Linear Technology LT1763 Datasheet HTML 10Page - Linear Technology LT1763 Datasheet HTML 11Page - Linear Technology LT1763 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3015
8
3015f
TYPICAL PERFORMANCE CHARACTERISTICS
Minimum Input Voltage
Output Noise Spectral Density
RMS Output Noise
vs Load Current
RMS Output Noise
vs Feedforward Capacitor (CFF)
LT3015 10Hz to 100kHz Output
Noise
LT3015 10Hz to 100kHz Output
Noise, CFF = 0
TA = 25°C, unless otherwise noted.
LT3015 10Hz to 100kHz Output
Noise, CFF = 10nF
TEMPERATURE (°C)
–75
0
–1.0
–0.8
–0.6
–0.4
–0.2
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
75 100 125 150 175
–25
–50
0
25
3015 G31
50
IL = –1mA
VSHDN = VIN
IL = –1.5A
FREQUENCY (Hz)
10
100
1k
10k
0.1
1
10
100k
3015 G32
VSHDN = VIN
COUT = 10μF
IL = –1.5A
IFB-DIVIDER = 100μA
VOUT = –5V
CFF = 10nF
VOUT = –1.22V
VOUT = –5V
CFF = 0
TJ = 25°C
LOAD CURRENT (A)
–1m
–10m
–100m
0
175
150
125
100
75
50
25
250
225
200
–1
3015 G33
COUT = 10μF
IFB-DIVIDER = 100μA
TJ = 25°C
f = 10Hz TO 100KHz
VOUT = –5V, CFF = 0
VOUT = –5V, CFF = 120pF
VOUT = –5V, CFF = 1nF
VOUT = –1.22V
VOUT = –5V, CFF = 10nF
FEEDFORWARD CAPACITANCE, CFF (F)
10p
100p
1n
10n
100n
0
25
50
75
100
125
150
175
200
225
250
3015 G34
IL = –1.5A
COUT = 10μF
f = 10Hz TO 100kHz
IFB-DIVIDER = 100μA
TJ = 25°C
VOUT = –5V
VOUT = –1.22V
VOUT
100μV/DIV
COUT = 10μF
VOUT = –1.22V
IL = –1.5A
3015 G35
1ms/DIV
VOUT
200μV/DIV
COUT = 10μF
VOUT = –5V
IL = –1.5A
CFF = 0
3015 G36
1ms/DIV
VOUT
200μV/DIV
COUT = 10μF
VOUT = –5V
IL = –1.5A
CFF = 10nF
3015 G37
1ms/DIV
SHDN Transient Response,
IL = –5mA, CFF = 0
SHDN Transient Response,
IL = –1.5A, CFF = 0
VSHDN
1V/DIV
VOUT
2V/DIV
RL = 1kΩ
COUT = 10μF
VOUT = –5V
CFF = 0
3015 G23
25ms/DIV
VSHDN
1V/DIV
VOUT
2V/DIV
RL = 3.3Ω
COUT = 10μF
VOUT = –5V
CFF = 0
3015 G24
250μs/DIV


Similar Part No. - LT1763

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1763 LINER-LT1763 Datasheet
278Kb / 16P
   500mA, Low Noise, LDO Micropower Regulators
LT1763 LINER-LT1763 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1763 LINER-LT1763 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1763 LINER-LT1763 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1763 LINER-LT1763 Datasheet
160Kb / 16P
   400mV Dropout Voltage
More results

Similar Description - LT1763

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3091EDE LINER-LT3091EDE Datasheet
536Kb / 8P
   ??6V, 1.5A Negative Linear Regulator
logo
Anaren Microwave
MSK5173 ANAREN-MSK5173 Datasheet
808Kb / 8P
   1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
   RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com