Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1762 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1762
Description  Dual 150mA Positive/Negative Low Noise
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1762 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1762 Datasheet HTML 4Page - Linear Technology LT1762 Datasheet HTML 5Page - Linear Technology LT1762 Datasheet HTML 6Page - Linear Technology LT1762 Datasheet HTML 7Page - Linear Technology LT1762 Datasheet HTML 8Page - Linear Technology LT1762 Datasheet HTML 9Page - Linear Technology LT1762 Datasheet HTML 10Page - Linear Technology LT1762 Datasheet HTML 11Page - Linear Technology LT1762 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT3032 Series
8
3032fd
TYPICAL PERFORMANCE CHARACTERISTICS
LT3032-15
Positive Side GND Pin Current
INP VOLTAGE (V)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
3032 G68
4
2
6
10
14
18
8
12
20
TJ = 25°C
VSHDNP = VINP
*FOR VOUTP = 15V
RL = 100Ω
*IL = 150mA
RL = 150Ω
*IL = 100mA
RL = 300Ω
*IL = 50mA
LT3032-12
Negative Side GND Pin Current
INN VOLTAGE (V)
0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–16
3032 G67
–4
–2
–6
–10
–14
–18
–8
–12
–20
TJ = 25°C
VSHDNN = VINN
*FOR VOUTN = –12V
RL = 80Ω
*IL = –150mA
RL = 120Ω
*IL = –100mA
RL = 240Ω
*IL = –50mA
RL = 1.2k, *IL = –10mA
LT3032-12
Positive Side GND Pin Current
INP VOLTAGE (V)
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
16
3032 G66
4
2
6
10
14
18
8
12
20
TJ = 25°C
VSHDNP = VINP
*FOR VOUTP = 12V
RL = 80Ω
*IL = 150mA
RL = 120Ω
*IL = 100mA
RL = 240Ω
*IL = 50mA
LT3032-5
Positive Side GND Pin Current
LT3032-5
Negative Side GND Pin Current
INP VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3032 G56
0123
4
5
67
8
9
10
RL = 33.3Ω
IL = 150mA*
RL = 50Ω
IL = 100mA*
RL = 100Ω
IL = 50mA*
TJ = 25°C
VINP = VSHDNP
*FOR VOUTP = 5V
INN VOLTAGE (V)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3032 G57
0
–1 –2 –3 –4 –5 –6 –7 –8 –9 –10
TJ = 25°C
VSHDNN = VINN
*FOR VOUTN = –5V
RL = 33.3Ω
IL = 150mA*
RL = 50Ω
IL = –100mA*
RL = 100Ω
IL = –50mA*
RL = 500Ω
IL = –10mA*
LT3032 INP Quiescent Current
INP VOLTAGE (V)
02
6
10
14
18
30
25
20
15
10
5
0
4
8
12
16
3032 G09
20
TJ = 25°C
RL = 250k
VSHDNP = VINP
VSHDNP = 0V
LT3032-15 INN Quiescent Current
LT3032-15 INP Quiescent Current
INN VOLTAGE (V)
0
–80
–70
–60
–50
–40
–30
–20
–10
0
–16
3032 G65
–4
–2
–6
–10
–14
–18
–8
–12
–20
TJ = 25°C
RL = ∞
VSHDNN = 0V
VSHDNN = VINN
INP VOLTAGE (V)
0
400
350
300
250
200
150
100
50
0
16
3032 G64
4
2
6
10
14
18
8
12
20
TJ = 25°C
RL = ∞
VSHDNP = 0V
VSHDNP = VINP
LT3032 INN Quiescent Current
INN VOLTAGE (V)
–40
–35
–30
–25
–20
–15
–10
–5
–0
3032 G10
0
–2 –4 –6 –8 –10 –12 –14 –16 –18 –20
TJ = 25°C
RL = 250k
IL = –5μA
VSHDNN = VINN
VSHDNN = 0V


Similar Part No. - LT1762

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
   150mA, Low Noise, LDO Micropower Regulators
LT1762 LINER-LT1762 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
LT1762 LINER-LT1762 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1762 LINER-LT1762 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT1762 LINER-LT1762 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT1762

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3032 LINER-LT3032 Datasheet
296Kb / 20P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
LT3032 LINER-LT3032_15 Datasheet
403Kb / 24P
   Dual 150mA Positive/Negative Low Noise Low Dropout Linear Regulator
logo
Anaren Microwave
MSK5000 ANAREN-MSK5000 Datasheet
780Kb / 7P
   DUAL POSITIVE/NEGATIVE, DUAL POSITIVE/NEGATIVE, FIXED VOLTAGE REGULATORS
logo
Eutech Microelectronics...
EUP7201 EUTECH-EUP7201 Datasheet
312Kb / 13P
   Dual ,Low-Noise,150mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE510 ACE-ACE510 Datasheet
229Kb / 9P
   Dual, Low noise, 150mA LDO regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8560 BELLING-BL8560 Datasheet
1Mb / 10P
   Dual,Low noise, 150mA LDO regulator
logo
Semtech Corporation
SC1454 SEMTECH-SC1454_05 Datasheet
250Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456_05 Datasheet
192Kb / 10P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1454 SEMTECH-SC1454 Datasheet
298Kb / 14P
   Dual 150mA Ultra Low Dropout, Low Noise Regulator
SC1456 SEMTECH-SC1456 Datasheet
68Kb / 5P
   Dual 150mA ULTRA LOW DROPOUT, LOW NOISE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com