Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1999 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1999
Description  500mA Power Op Amp with Adjustable Precision Current Limit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1999 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1999 Datasheet HTML 6Page - Linear Technology LT1999 Datasheet HTML 7Page - Linear Technology LT1999 Datasheet HTML 8Page - Linear Technology LT1999 Datasheet HTML 9Page - Linear Technology LT1999 Datasheet HTML 10Page - Linear Technology LT1999 Datasheet HTML 11Page - Linear Technology LT1999 Datasheet HTML 12Page - Linear Technology LT1999 Datasheet HTML 13Page - Linear Technology LT1999 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1970A
10
1970afa
BLOCK DIAGRAM AND TEST CIRCUIT
APPLICATIONS INFORMATION
The LT1970A power op amp with precision controllable
current limit is a flexible voltage and current source
module. The drawing on the front page of this data sheet
is representative of the basic application of the circuit,
however many alternate uses are possible with proper
understanding of the subcircuit capabilities.
CIRCUIT DESCRIPTION
Main Operational Amplifier
Subcircuit block GM1, the 1X unity-gain current buffer
and output transistors Q1 and Q2 form a standard op-
erational amplifier. This amplifier has ± 500mA current
output capability and a 3.6MHz gain-bandwidth product.
Most applications of the LT1970A will use this op amp
in the main signal path. All conventional op amp circuit
configurations are supported. Inverting, noninverting, filter,
summation or nonlinear circuits may be implemented in
a conventional manner. The output stage includes current
limiting at ±800mA to protect against fault conditions.
The input stage has high differential breakdown of 36V
minimum between –IN and +IN. No current will flow at
the inputs when differential input voltage is present. This
feature is important when the precision current sense
amplifiers “ISINK” and “ISRC” become active.
Current Limit Amplifiers
Amplifier stages “ISINK” and “ISRC” are very high transcon-
ductance amplifier stages with independently controlled
offset voltages. These amplifiers monitor the voltage
between input pins SENSE+ and SENSEwhich usually
sense the voltage across a small external current sense
resistor. The transconductance amplifiers outputs con-
nect to the same high impedance node as the main input
stage GM1 amplifier. Small voltage differences between
SENSE+ and SENSE, smaller than the user set VCSNK/10
3
19
7
9
8
17
16
18
15
12
13
+
ISNK
1970ATC
RFIL
1k
RCS
RLOAD
1k
ISRC
D2
D1
1
Q1
Q2
4
5
6
2
GM1
ENABLE
COMMON
VCSRC
VCSRC
VCSNK
5V
15V
VCSNK
ISRC
ISNK
–IN
VIN
RG
1k
+IN
ENABLE
TSD
14
VCC
V+
15V
–15V
OUT
SENSE+
FILTER
SENSE
V
VEE
1, 10, 11, 20
10k
10k
10k
RF
1k
VSRC
+
VSNK
+
+


Similar Part No. - LT1999

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1999-10 LINER-LT1999-10 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1999-10 LINER-LT1999-10 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
   High Voltage, Bidirectional Current Sense Amplifier
More results

Similar Description - LT1999

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1970 LINER-LT1970 Datasheet
233Kb / 12P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_1 Datasheet
548Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970 LINER-LT1970_15 Datasheet
273Kb / 26P
   500mA Power Op Amp with Adjustable Precision Current Limit
LT1970A LINER-LT1970A_15 Datasheet
271Kb / 24P
   500mA Power Op Amp with Adjustable Precision Current Limit
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313 Datasheet
667Kb / 14P
   Adjustable Current Limit (500mA to 6A)
Rev 0; 6/17
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
   Precision Load Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2553 BELLING-BL2553 Datasheet
741Kb / 8P
   Precision Load Switch with Adjustable Current Limit
logo
ACE Technology Co., LTD...
ACE3677N ACE-ACE3677N Datasheet
471Kb / 4P
   Precision Load Switch with Adjustable Current Limit
VER 1.2
logo
ETA SOLUTIONS CO. LIMIT...
ETA6021 ETA-ETA6021 Datasheet
298Kb / 1P
   Precision Load Switch with Adjustable Current Limit
ETA6023 ETA-ETA6023 Datasheet
301Kb / 1P
   Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com