Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1251 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1251
Description  100MHz Current Feedback
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1251 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1251 Datasheet HTML 7Page - Linear Technology LT1251 Datasheet HTML 8Page - Linear Technology LT1251 Datasheet HTML 9Page - Linear Technology LT1251 Datasheet HTML 10Page - Linear Technology LT1251 Datasheet HTML 11Page - Linear Technology LT1251 Datasheet HTML 12Page - Linear Technology LT1251 Datasheet HTML 13Page - Linear Technology LT1251 Datasheet HTML 14Page - Linear Technology LT1251 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LT1228
11
1228fd
APPLICATIONS INFORMATION
compliance compatible with Pin 5 of the LT1228. There-
fore, the easiest way to digitally control the set current
is to use a voltage output DAC and a voltage-to-current
circuit. The previous voltage-to-current converter will take
the output of any voltage output DAC and drive Pin 5 with
a proportional current. The R, 2R CMOS multiplying DACs
operating in the voltage switching mode work well on both
single and split supplies with the above circuit.
Logarithmic control is often easier to use than linear
control. A simple circuit that doubles the set current
for each additional volt of input is shown in the voltage
controlled state variable filter application near the end of
this data sheet.
Transconductance Amplifier Frequency Response
The bandwidth of the transconductance amplifier is a
function of the set current as shown in the characteristic
curves. At set currents below 100µA, the bandwidth is
approximately:
–3dB bandwidth = 3 • 1011 ISET
The peak bandwidth is about 80MHz at 500µA. When a
resistor is used to convert the output current to a volt-
age, the capacitance at the output forms a pole with the
resistor. The best case output capacitance is about 5pF
with ±15V supplies and 6pF with ±5V supplies. You must
add any PC board or socket capacitance to these values to
get the total output capacitance. When using a 1k resistor
at the output of the transconductance amp, the output
capacitance limits the bandwidth to about 25MHz.
The output slew rate of the transconductance amplifier is
the set current divided by the output capacitance, which
is 6pF plus board and socket capacitance. For example
with the set current at 1mA, the slew rate would be over
100V/µs.
Transconductance Amp Small-Signal Response
ISET = 500µA, R1 = 50Ω
CURRENT FEEDBACK AMPLIFIER
The LT1228 current feedback amplifier has very high
noninvertinginputimpedanceandisthereforeanexcellent
buffer for the output of the transconductance amplifier.
The noninverting input is at Pin 1, the inverting input at
Pin 8 and the output at Pin 6. The current feedback ampli-
fier maintains its wide bandwidth for almost all voltage
gains making it easy to interface the output levels of the
transconductance amplifier to other circuitry. The cur-
rent feedback amplifier is designed to drive low imped-
ance loads such as cables with excellent linearity at high
frequencies.
Feedback Resistor Selection
Thesmall-signalbandwidthoftheLT1228currentfeedback
amplifier is set by the external feedback resistors and the
internal junction capacitors. As a result, the bandwidth is
a function of the supply voltage, the value of the feedback
resistor, the closed-loop gain and load resistor. The char-
acteristic curves of bandwidth versus supply voltage are
done with a heavy load (100Ω) and a light load (1k) to


Similar Part No. - LT1251

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1251 LINER-LT1251 Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
logo
List of Unclassifed Man...
LT12512-15E ETC1-LT12512-15E Datasheet
192Kb / 2P
   2:1 or 4:1 Wide input, Triple Outputs
logo
Linear Technology
LT1251CN LINER-LT1251CN Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251CS LINER-LT1251CS Datasheet
474Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
LT1251 LINER-LT1251_15 Datasheet
392Kb / 24P
   40MHz Video Fader and DC Gain Controlled Amplifier
More results

Similar Description - LT1251

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223 Datasheet
290Kb / 12P
   100MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Intersil Corporation
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com