Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1085S2-2.5 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS1085S2-2.5
Description  3A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1085S2-2.5 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS1085S2-2.5 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1085S2-2.5 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DESCRIPTION
The
AMS1085 is a positive low voltage dropout regulator, voltage
dropout is only 1.18V at 3A.
AMS1085 has two versions: the fixed version and the adjustable
version. VOUT has a tolerance of less than 1% for fixed versions
1.5V, 1.8V, 2.5V, 3.3V, 5.0V and adjustable version.
The
AMS1085 integrates overheating protection and current limit
circuits. It is an suitable for all electronic products.
FEATURES
* 1% accuracy for fixed output VOUT while the voltage is 1.5V,
1.8V, 2.5V, 3.3V, 5.0V and the adjustable output VOUT
* Low Dropout Voltage: 1.18V at 3A output current
* Current Limiting: 4.5A
*Load regulation : 0.1% typical (adjustable version)
*Line regulation : 0.015% typical (adjustable version)
* Temperature Range: 0
°C to 125°C
APPLICATIONS
* High Efficiency Linear Regulators
* SMPS Post-Regulator
* Battery Charger
* Microprocessor Supply
*Desktop PCs, RISC and embedded processors'supply
ORDERING INFORMATION (Temperature range: 0°C ~125°C)
AMS1085
AMS1085
Package
TO-220-3L
TO-263-2L
TO-263-3L
CM: TO-263-3L
TO-252-2L
CD: TO-252-2L
5.0: Fixed Output 5.0V
CT: TO-220-3L
TR: Tape & Reel
Blank: Tube
Blank: Pb free
: Adjustable Output
1.5: Fixed Output 1.5V
1.8: Fixed Output 1.8V
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
3A LDO VOLTAGE REGULATOR
1
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1085S2-2.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1085 ADMOS-AMS1085 Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085 ADMOS-AMS1085 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
85Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD ADMOS-AMS1085CD Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
AMS1085CD-1.5 ADMOS-AMS1085CD-1.5 Datasheet
194Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1085S2-2.5

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM1085DG ELM-TECH-ELM1085DG Datasheet
681Kb / 3P
   Bipolar 3A LDO Voltage regulator
ELM1085DG-33-S ELM-TECH-ELM1085DG-33-S Datasheet
88Kb / 5P
   Bipolar 3A LDO Voltage regulator
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172_07 Datasheet
225Kb / 15P
   3A Fixed Output Voltage LDO Regulator
RT9172 RICHTEK-RT9172 Datasheet
342Kb / 16P
   3A FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310_06 Datasheet
277Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com