Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SXT2222A Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # SXT2222A
Description  NPN Silicon Switching Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SXT2222A Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  SXT2222A Datasheet HTML 1Page - Siemens Semiconductor Group SXT2222A Datasheet HTML 2Page - Siemens Semiconductor Group SXT2222A Datasheet HTML 3Page - Siemens Semiconductor Group SXT2222A Datasheet HTML 4Page - Siemens Semiconductor Group SXT2222A Datasheet HTML 5Page - Siemens Semiconductor Group SXT2222A Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Semiconductor Group
6
SXT 2222 A
Saturation voltage IC = f (VBE sat, VCE sat)
hFE = 10
Delay time
td = f (IC)
Rise time
tr = f (IC)
DC current gain hFE = f (IC)
VCE = 10 V
Storage time
ts = f (IC)
Fall time
tf = f (IC)


Similar Part No. - SXT2222A

ManufacturerPart #DatasheetDescription
logo
Suntsu Electronics, Inc...
SXT224 SUNTSU-SXT224 Datasheet
352Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT22418AA48-20.000M SUNTSU-SXT22418AA48-20.000M Datasheet
352Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT224SAA07 SUNTSU-SXT224SAA07 Datasheet
352Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT224SAA16 SUNTSU-SXT224SAA16 Datasheet
352Kb / 2P
   Ceramic SMT 4 Pad Crystal
SXT224SAA17 SUNTSU-SXT224SAA17 Datasheet
352Kb / 2P
   Ceramic SMT 4 Pad Crystal
More results

Similar Description - SXT2222A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
   Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
   Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
   NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
   Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
   Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
logo
STMicroelectronics
MJE13007A STMICROELECTRONICS-MJE13007A Datasheet
63Kb / 4P
   SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com