Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1309F Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS1309F
Description  Low ripple and low noise
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1309F Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS1309F Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1309F Datasheet HTML 9Page - Advanced Monolithic Systems Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMS1309Dxx
SOT-23-5
SOT-89-5
4
5
Vss
2
2
Vout
5
4
Ext
1
3
CE
3
1
NC
AMS1309Fxx
SOT-23-5
1
FB
2
Vdd
3
NC
4
Vss
5
EXT
VIN
6.5
V
VLX
6.5
V
EXT
VEXT
-0.3~Vout+0.3
V
CE
VCE
-0.3~Vout+0.3
V
Lx
ILX
600
mA
EXT
IEXT
±30
mA
SOT23
Pd
300
mW
SOT89
Pd
500
mW
TOpr
-25~+85
Tstg
-40~+125
Tsolder
260℃, 10s
Functional Block Diagram
Absolute Maximum Ratings
AMS1309
Advanced Monolithic Systems http://www.ams-semitech.com
3
Pin #
Pin #
Symbol
Symbol
Description
Description
Ground
Ground
null
null
Feedback
Power Output
External
External
On/Off Control Input.
Power Input
Parameter
Symbol
Units
Margin
Input Voltage
Switch Voltage
Operating Temperature
Storage Temperature
Soldering Temperature and Time
Power
Dissipation
Pin Voltage
Pin Voltage
Pin Current
Pin Current


Similar Part No. - AMS1309F

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1302 AMS-AMS1302 Datasheet
1Mb / 8P
   Output up to 24V Internal MOSFET with high switch current up to 3A
More results

Similar Description - AMS1309F

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
   Low ripple and noise
logo
PEAK electronics GmbH
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
   Low ripple and noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
   Low ripple and noise
logo
Sparkle Power Inc.
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
   Low noise and ripple
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
   Low ripple and noise
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
   Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
   Low Ripple and Noise
logo
Artesyn Technologies
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
   Low ripple and noise
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com