Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1302 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS1302
Description  Output up to 24V Internal MOSFET with high switch current up to 3A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1302 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS1302 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1302 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
T
Ty
yp
piic
ca
all A
Ap
pp
plliic
ca
attiio
on
ns
s
Figure 1 (1.8V Stat-up input Voltage)
* RX can be a Zener Diodes or Resistor: The Ratio of RX/RVDD must to keep VDD voltage less than
5.5V.
* The resistor RM can be set to 50m usually.
Figure.2
(1.1V Stat-up input Voltage)
* The resistor RM can be set to 50m usually
AMS1302
AMS1302
AMS1302
Advanced Monolithic Systems http://www.ams-semitech.com
2


Similar Part No. - AMS1302

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1309 AMS-AMS1309 Datasheet
2Mb / 11P
   Low ripple and low noise
AMS1309AXX AMS-AMS1309AXX Datasheet
2Mb / 11P
   Low ripple and low noise
AMS1309BXX AMS-AMS1309BXX Datasheet
2Mb / 11P
   Low ripple and low noise
AMS1309CXX AMS-AMS1309CXX Datasheet
2Mb / 11P
   Low ripple and low noise
AMS1309DXX AMS-AMS1309DXX Datasheet
2Mb / 11P
   Low ripple and low noise
More results

Similar Description - AMS1302

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
   Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
   Output Current up to 3A
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
   OUTPUT CURRENT UP TO 20A
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
   OUTPUT CURRENT UP TO 25A
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
Wall Industries,Inc.
CMZFW WALL-CMZFW Datasheet
255Kb / 3P
   Output Current up to 8A
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
   Delivering up to 40A output current
AGQ200B-48S3V3 EMERSON-NETWORKPOWER-AGQ200B-48S3V3 Datasheet
320Kb / 14P
   Delivering up to 40A output current
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
   Up to 28 A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com