Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS1117 Datasheet(PDF) 7 Page - Advanced Monolithic Systems Ltd

Part # AMS1117
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117 Datasheet(HTML) 7 Page - Advanced Monolithic Systems Ltd

  AMS1117 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1117 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
1A Adjustable/Fixed Low Dropout Linear Regulator
Mechanical Dimensions
4-Lead SOT-223 Package
Symbol
Inches
Millimeters
Notes
Min.
Max.
Min.
Max.
A
Ñ
.
071
Ñ
1.80
A1
Ñ
.
181
Ñ
4.80
B
.
025
.
033
.
064
.
840
c
Ñ
0.90
Ñ
2.29
D
.
248
.
264
6.30
6.71
E
.
130
.
148
3.30
3.71
e
.
115
.
124
2.95
3.15
F
.
033
.
041
.
840
1.04
H
.
264
.
287
6.71
7.29
I
.
0121
Ñ
.
310
Ñ
J
Ñ
10°
Ñ
10°
K
10°
16°
10°
16°
L
.
0008
.
0040
.
0203
.
1018
M
10°
16°
10°
16°
N
.
010
.
014
.
250
.
360
Figure 9. 4-Lead SOT-223 Package
AMS1117
Advanced Monolithic Systems http://www.ams-semitech.com
7


Similar Part No. - AMS1117

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117 ADMOS-AMS1117 Datasheet
66Kb / 7P
   800mA LOW DROPOUT VOLTAGE REGULATOR
AMS1117 ADMOS-AMS1117 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
   1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Hotchip Technology Co.,...
AMS1117 HOTCHIP-AMS1117 Datasheet
879Kb / 9P
   Low Dropout Voltage
logo
ARTSCHIP ELECTRONICS CO...
AMS1117 ARTSCHIP-AMS1117 Datasheet
191Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1117

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com