Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STL81004H Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # STL81004H
Description  1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STL81004H Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  STL81004H Datasheet HTML 1Page - Siemens Semiconductor Group STL81004H Datasheet HTML 2Page - Siemens Semiconductor Group STL81004H Datasheet HTML 3Page - Siemens Semiconductor Group STL81004H Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STL 81004X
STL 81005X
Semiconductor Group
2
Maximum Ratings (cont’d)
Parameter
Symbol
Values
Unit
Laser Diode
Direct forward current
IF max
120
mA
Radiant power CW
Φe
1
mW
Reverse voltage
VR max
2
V
Monitor Diode
Reverse voltage
VR max
10
V
Characteristics
All optical data refer to a coupled 10/125
µm SM fiber, TC = 25 °C.
Parameter
Symbol
Values
Unit
Laser Diode
Optical output power
Φe
> 0.4
mW
Emission wavelength center of range
Φe = 0.2 mW
λ
1510
1590
nm
Spectral bandwidth
Φe = 0.2 mW (RMS)
∆λ
< 5
nm
Threshold current (
− 40 + 85 °C)
Ith
8
60
mA
Forward voltage
Φe = 0.2 mW
VF
< 1.5
V
Radiant power at threshold
Φeth
< 10
µW
Slope efficiency
η
8
60
mW/A
Differential series resistance
rS
< 8
Rise time/fall time
tR, tF
< 1
ns
Monitor Diode
Dark current,
VR = 5 V, Φe = 0
IR
< 500
nA
Photocurrent,
Φe = 0.2 mW
IP
100
1000
µA


Similar Part No. - STL81004H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL81007G SIEMENS-STL81007G Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
More results

Similar Description - STL81004H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STH51004X SIEMENS-STH51004X Datasheet
128Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STL51007X SIEMENS-STL51007X Datasheet
80Kb / 4P
   1300 nm Laser in Receptacle Package, Low Power
logo
Optoway Technology Inc
FL-5340 OPTOWAY-FL-5340 Datasheet
92Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300_09 Datasheet
128Kb / 4P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-5300 OPTOWAY-FL-5300 Datasheet
101Kb / 2P
   1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
logo
California Eastern Labs
NX8504BE-CC CEL-NX8504BE-CC Datasheet
111Kb / 5P
   1550 nm InGaAsP MQW DFB LASER DIODE IN COAXIAL PACKAGE for 622 Mb/s APPLICATION
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com