Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH81002Z Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # STH81002Z
Description  1550nm Laser in Coaxial TO-Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STH81002Z Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  STH81002Z Datasheet HTML 1Page - Siemens Semiconductor Group STH81002Z Datasheet HTML 2Page - Siemens Semiconductor Group STH81002Z Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
STH81002Z
Siemens Aktiengesellschaft
page(1/4)
8/94
1550nm Laser in Coaxial TO-Package
Designed for application in fiber-optic networks
Laser Diode with Multi-Quantum Well structure
Suitable for bit rates up to 1 Gbit/s
Ternary photodiode at rear mirror for monitoring and
control of radiant power
Hermetically sealed subcomponent, similar to TO 18
with integrated Silicon-Optics for high coupling
efficiencies
Maximum Ratings
Output power ratings refer to the optical port. The operating temperature of the submount
is identical to the case temperature
Module
Symbol
Values
Unit
Operating Temperature range at case
TC
- 40... +85
°C
Storage Temperature range
Tstg
- 40... +85
°C
Soldering Temperature
tmax = 10 s, 2 mm distance from bottom edge of case
TS
260
°C
Laserdiode
Symbol
Values
Unit
Direct forward current
IF max
120
mA
Radiant power CW
Φ
e
10
mW
Reverse Voltage
VR max
2V
Monitor Diode
Symbol
Values
Unit
Reverse Voltage
VR max
10
V


Similar Part No. - STH81002Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH80N10F7-2 STMICROELECTRONICS-STH80N10F7-2 Datasheet
1Mb / 25P
   Ultra low on-resistance
February 2014 Rev 1
logo
Inchange Semiconductor ...
STH80N10F7-2 ISC-STH80N10F7-2 Datasheet
285Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STH80N10F7-2 VBSEMI-STH80N10F7-2 Datasheet
971Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
STH80N10LF7 ISC-STH80N10LF7 Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STH80N10LF7-2AG STMICROELECTRONICS-STH80N10LF7-2AG Datasheet
626Kb / 14P
   Automotive-grade N-channel 100 V, 7 mΩ typ., 80 A, STripFET™ F7 Power MOSFET in an H2PAK-2 package
DS11708 - Rev 2 - January 2019
More results

Similar Description - STH81002Z

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
   1300nm Laser in Coaxial TO-Package
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX7304BG CEL-NX7304BG Datasheet
96Kb / 4P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
M/A-COM Technology Solu...
CVL2S57-TO18C MA-COM-CVL2S57-TO18C Datasheet
227Kb / 2P
   1550nm Pulsed Laser Diodes
logo
Source Photonics, Inc.
LDR-FC-31Z-L-T-ASFCNE SOURCE-LDR-FC-31Z-L-T-ASFCNE Datasheet
442Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-L-T-AS SOURCE-LDR-F3-31Z-L-T-AS Datasheet
517Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDR-FC-31Z-L-T-ASSTNB SOURCE-LDR-FC-31Z-L-T-ASSTNB Datasheet
430Kb / 4P
   1310nm & 1550nm Laser Diode Module
LDP-FC-31Z-L-T-ASNCN SOURCE-LDP-FC-31Z-L-T-ASNCN Datasheet
518Kb / 4P
   1310nm & 1550nm Laser Diode Module
logo
List of Unclassifed Man...
C-15-002 ETC2-C-15-002 Datasheet
501Kb / 6P
   1550nm 2.5Gbps Laser Diode Module
logo
Siemens Semiconductor G...
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com