Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH51004X Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # STH51004X
Description  1300 nm Laser in Coaxial Package with SM-Pigtail, High Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

STH51004X Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  STH51004X Datasheet HTML 1Page - Siemens Semiconductor Group STH51004X Datasheet HTML 2Page - Siemens Semiconductor Group STH51004X Datasheet HTML 3Page - Siemens Semiconductor Group STH51004X Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.95
1300 nm Laser in Coaxial Package with SM-Pigtail,
High Power
STH 51004X
STH 51005X
Designed for application in fiber-optic networks
Laser Diode with Multi-Quantum Well structure
Suitable for bit rates up to 1 Gbit/s
Ternary photodiode at rear mirror for monitoring and
control of radiant power
Hermetically sealed subcomponent, similar to TO 18
SM Pigtail with optional flange
Type
Ordering Code
Connector/Flange
STH 51004G
Q62702-P3002
FC / without flange
STH 51004A
Q62702-Pxxxx
DIN / without flange
STH 51005G
Q62702-P3083
FC / with flange
STH 51005A
Q62702-Pxxxx
DIN / with flange
Component with other connector types on request.
Maximum Ratings
Output power ratings refer to the SM fiber output. The operating temperature of the
submount is identical to the case temperature.
Parameter
Symbol
Values
Unit
Module
Operating temperature range at case
TC
− 40 … + 85
°C
Storage temperature range
Tstg
− 40 … + 85
°C
Soldering temperature
tmax = 10 s, 2 mm distance from bottom edge of
case
TS
260
°C
Laserdiode
Direct forward current
IF max
120
mA
Radiant power CW
Φe
4
mW
Reverse voltage
VR max
2
V


Similar Part No. - STH51004X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
   1300nm Laser in Coaxial TO-Package
More results

Similar Description - STH51004X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
STL51004X SIEMENS-STL51004X Datasheet
129Kb / 4P
   1300 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STM81004X SIEMENS-STM81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Medium Power
STL81004X SIEMENS-STL81004X Datasheet
129Kb / 4P
   1550 nm Laser in Coaxial Package with SM-Pigtail, Low Power
STL51007X SIEMENS-STL51007X Datasheet
80Kb / 4P
   1300 nm Laser in Receptacle Package, Low Power
STM51004X SIEMENS-STM51004X Datasheet
128Kb / 4P
   1300 nm Laser in Receptacle Package, Medium Power
STL81007X SIEMENS-STL81007X Datasheet
550Kb / 4P
   1550 nm Laser in Receptacle Package, Low Power
STH51002Z SIEMENS-STH51002Z Datasheet
43Kb / 3P
   1300nm Laser in Coaxial TO-Package
STH81002Z SIEMENS-STH81002Z Datasheet
43Kb / 3P
   1550nm Laser in Coaxial TO-Package
logo
Agere Systems
2417J4A AGERE-2417J4A Datasheet
127Kb / 10P
   NetLight 2417J4A 1300 nm Laser Gigabit Transceiver
logo
Agilent(Hewlett-Packard...
HFCT-5305 HP-HFCT-5305 Datasheet
178Kb / 8P
   Gigabit Ethernet: 1.25 GBd 1300 nm Laser Transceiver in Low Cost 1 x 9 Package Style
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com