Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM34804AA-N Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM34804AA-N
Description  Dual N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM34804AA-N Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM34804AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM34804AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM34804AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM34804AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ELM34804AA-N
■Electrical characteristics
Parameter
Symbol
Condition
Min. Typ. Max. Unit Note
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=250μA, Vgs=0V
60
V
Zero gate voltage drain current
Idss
Vds=48V, Vgs=0V
1
μA
Vds=40V, Vgs=0V, Tj=55°C
10
Gate-body leakage current
Igss Vds=0V, Vgs=±20V
±
100 nA
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=250μA
1.0
1.5
2.5
V
On state drain current
Id(on) Vgs=10V, Vds=5V
20
A
1
Static drain-source on-resistance
Rds(on)
Vgs=10V, Id=4.5A
42
55
1
Vgs=4.5V, Id=4A
55
75
Forward transconductance
Gfs Vds=10V, Id=4.5A
14
S
1
Diode forward voltage
Vsd If=Is, Vgs=0V
1
V
1
Max.body-diode continuous current
Is
1.3
A
Pulsed current
Ism
2.6
A
3
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=25V, f=1MHz
650
pF
Output capacitance
Coss
80
pF
Reverse transfer capacitance
Crss
35
pF
SWITCHING PARAMETERS
Total gate charge
Qg
Vgs=10V, Vds=30V, Id=4.5A
12.5 18.0 nC
2
Gate-source charge
Qgs
2.4
nC
2
Gate-drain charge
Qgd
2.6
nC
2
Turn-on delay time
td(on)
Vgs=10V, Vds=30V, Id≈1A
Rgen=6Ω
11
20
ns
2
Turn-on rise time
tr
8
18
ns
2
Turn-off delay time
td(off)
19
35
ns
2
Turn-off fall time
tf
6
15
ns
2
NOTE :
1. Pulsed width≤300μsec and Duty cycle≤2%.
2. Independent of operating temperature.
3. Pulsed width limited by maximum junction temperature.
4. Duty cycle ≤ 1%.
Ta=25°C
4 -
Dual N-channel MOSFET


Similar Part No. - ELM34804AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM34804AA-N ELM-ELM34804AA-N Datasheet
997Kb / 4P
   Dual N-channel MOSFET
More results

Similar Description - ELM34804AA-N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com