Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM34416AA-N Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM34416AA-N
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM34416AA-N Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM34416AA-N Datasheet HTML 1Page - ELM Technology Corporation ELM34416AA-N Datasheet HTML 2Page - ELM Technology Corporation ELM34416AA-N Datasheet HTML 3Page - ELM Technology Corporation ELM34416AA-N Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
4 -
ELM34416AA-N
■General description
■Features
■Maximum absolute ratings
■Thermal characteristics
Parameter
Symbol
Typ.
Max.
Unit
Note
Maximum junction-to-case
Steady-state
Rθjc
25
°C/W
Maximum junction-to-ambient
Steady-state
Rθja
50
Parameter
Symbol
Limit
Unit
Note
Drain-source voltage
Vds
30
V
Gate-source voltage
Vgs
±
20
V
Continuous drain current
Ta=25°C
Id
11
A
Ta=100°C
7
Pulsed drain current
Idm
40
A
3
Avalanche current
Las
28
A
Avalanche energy
L=0.1mH
Eas
40
mJ
Power dissipation
Ta=25°C
Pd
2.5
W
Ta=100°C
1.0
Operating junction and storage temperature range
Tj, Tstg
-55 to 150
°C
ELM34416AA-N uses advanced trench technology to
provide excellent Rds(on), low gate charge and low gate
resistance.
• Vds=30V
• Id=11A
• Rds(on) < 12.0mΩ (Vgs=10V)
• Rds(on) < 17.5mΩ (Vgs=4.5V)
Single N-channel MOSFET
■Pin configuration
■Circuit
SOP-8(TOP VIEW)
Pin No.
Pin name
1
SOURCE
2
SOURCE
3
SOURCE
4
GATE
5
DRAIN
6
DRAIN
7
DRAIN
8
DRAIN
4
3
2
1
5
6
7
8
S
G
D


Similar Part No. - ELM34416AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM34416AA-N ELM-ELM34416AA-N Datasheet
689Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM34416AA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com