Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0031.2323 Datasheet(PDF) 58 Page - Schurter Inc.

Part No. 0031.2323
Description  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.2323 Datasheet(HTML) 58 Page - Schurter Inc.

Back Button 0031.2323 Datasheet HTML 50Page - Schurter Inc. 0031.2323 Datasheet HTML 51Page - Schurter Inc. 0031.2323 Datasheet HTML 52Page - Schurter Inc. 0031.2323 Datasheet HTML 53Page - Schurter Inc. 0031.2323 Datasheet HTML 54Page - Schurter Inc. 0031.2323 Datasheet HTML 55Page - Schurter Inc. 0031.2323 Datasheet HTML 56Page - Schurter Inc. 0031.2323 Datasheet HTML 57Page - Schurter Inc. 0031.2323 Datasheet HTML 58Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
SCHURTER AG Switzerland,
¤ (+)++41-41 369 31 11 Fax (+)++41-41 369 34 03 E-mail: contact@schurter.ch Internet: http.//www.schurter.ch
196
FUSEHOLDERS / SICHERUNGSHALTER
Accessories for
fuseholders
Zubehör für
G-Sicherungshalter
Anti-rotation washer for
fuseholders for round mounting
holes /
Verdrehsicherung für
G-Sicherungshalter mit rundem
Montageloch
Order No. / Bestell-Nr.
0696.0033 *
Marking plate self-adhesive /
Bezeichnungsschild
selbstklebend
Order No. / Bestell-Nr.
0880.0001 *
Metal nut / Metallmutter
Order No. / Bestell-Nr.
0098.0026 *
Plastic-nut (max. torque 1,2 Nm) /
Kunststoffmutter (max. Anzugs-
drehmoment 1,2 Nm)
Order No. / Bestell-Nr.
0098.0093 *
M 12,7 x 1,5
double start thread / 2gängig
M 12,7 x 1,5
double start thread / 2gängig
Screw-adapter for quick connect-
terminals 6,3 x 0,8 mm /
Schraubadapter für Steckan-
schlüsse 6,3 x 0,8 mm
Order No. / Bestell-Nr.
0750.0141 *
straight /
gerade
Screw-adapter for quick connect-
terminals 6,3 x 0,8 mm /
Schraubadapter für Steckan-
schlüsse 6,3 x 0,8 mm
Order No. / Bestell-Nr.
0750.0142 *
angled /
abgewinkelt
Cover for fuseholders /
Abdeckhaube für G-Sicherungs-
halter OG 0751.0052/62,
UHB 0031.5101, OG 0031.8001,
UH 0031.5001:
Order No. / Bestell-Nr.
0853.9561 *
1,6 W
0853.9562 *
2,5 W
Cover for fuseholder /
Abdeckhaube für G-Sicherungs-
halter OGN 0031.8201, OGN
0031.8211, OGN 0031.8221
Order No. / Bestell-Nr.
0853.0551 *
Marking plate self-adhesive /
Bezeichnungsschild
selbstklebend
Order No. / Bestell-Nr.
0880.0002 *
b) to fuseholders with a socket
diameter of 13 mm /
für Sicherungshalter mit
Sockeldurchmesser 13 mm
Order No. / Bestell-Nr.
a) 0859.0046 *
b) 0859.0080 *
Insulating cover for
fuseholders FEU /
Schutzabdeckung zu G-Siche-
rungshalter FEU
Order No. / Bestell-Nr.
0859.0041 for / für FEU 0031.1653 *
0859.0042 for / für FEU 0031.1673 *
0859.0042 for / für FEU 0031.1681 *
0859.0043 for / für FEU 0031.1694 *
0583.0007
0583.0016
Insulating covers /
Schutzabdeckungen
a) to fuseholder types FIZ/FUL /
zu Sicherungshalter der
Typen FIZ/FUL
* Packaging unit 100 pieces / Verpackung à 100 Stück


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn