Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0031.2323 Datasheet(PDF) 54 Page - Schurter Inc.

Part No. 0031.2323
Description  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.2323 Datasheet(HTML) 54 Page - Schurter Inc.

Back Button 0031.2323 Datasheet HTML 50Page - Schurter Inc. 0031.2323 Datasheet HTML 51Page - Schurter Inc. 0031.2323 Datasheet HTML 52Page - Schurter Inc. 0031.2323 Datasheet HTML 53Page - Schurter Inc. 0031.2323 Datasheet HTML 54Page - Schurter Inc. 0031.2323 Datasheet HTML 55Page - Schurter Inc. 0031.2323 Datasheet HTML 56Page - Schurter Inc. 0031.2323 Datasheet HTML 57Page - Schurter Inc. 0031.2323 Datasheet HTML 58Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
CEHESS SCHURTER S.A. France
¤ (+)++3 25 02 50 49 Fax (+)++3 25-02 56 57 E-mail: 106426.2362@compuserve.com
192
FUSEHOLDERS / SICHERUNGSHALTER
for Sub-miniature fuse-links /
für Kleinst-Sicherungseinsätze
Passende, universelle
Kleinst-Sicherungseinsätze
Typ FRT 250
siehe Seiten 78/79
Suitable universal fuse-links
Type FRT 250
see pages 78/79
Technical data
• Rated voltage: 250 V
• Rated current: 6,3 A
Technische Daten
• Nennspannung: 250 V
• Nennstrom:
6,3 A
Fuseholder
open design
Type 231819
for PCB
through hole mounting
Sicherungshalter
offene Bauart
Typ 231819
für Leiterplatten
Durchsteckmontage
Drilling
diagram /
Bohrplan
Order No. / Bestell-Nr.
Packaging / Verpackung
7149.9019.03
Fuseholder /
Bag of 100 pieces /
Sicherungshalter
Beutel à 100 Stück
50
75
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn