Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

0031.2323 Datasheet(PDF) 27 Page - Schurter Inc.

Part No. 0031.2323
Description  FUSEHOLDERS / SICHERUNGSHALTER
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0031.2323 Datasheet(HTML) 27 Page - Schurter Inc.

Back Button 0031.2323 Datasheet HTML 23Page - Schurter Inc. 0031.2323 Datasheet HTML 24Page - Schurter Inc. 0031.2323 Datasheet HTML 25Page - Schurter Inc. 0031.2323 Datasheet HTML 26Page - Schurter Inc. 0031.2323 Datasheet HTML 27Page - Schurter Inc. 0031.2323 Datasheet HTML 28Page - Schurter Inc. 0031.2323 Datasheet HTML 29Page - Schurter Inc. 0031.2323 Datasheet HTML 30Page - Schurter Inc. 0031.2323 Datasheet HTML 31Page - Schurter Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
CEHESS SCHURTER S.A. France
¤ (+)++3 25 02 50 49 Fax (+)++3 25-02 56 57 E-mail: 106426.2362@compuserve.com
165
FUSEHOLDERS / SICHERUNGSHALTER
5 x 20 mm
for /
für
Fuseholder
Type 231 528
PCB mount,
horizontal or vertical
* for fuse-links with melting
indicator, type D1V, see page 98
shocksafe category PC1
G-Sicherungshalter
Typ 231 528
für Leiterplattenmontage,
horizontal oder vertikal
* für G-Sicherungseinsätze mit
Kennmelder, Typ D1V, siehe Seite 98
Berührungsschutz Kategorie PC1
• screw type fuse carrier, transparent,
fingergrip with slot
• degree of protection IP00
from front side, according to IEC 60529
• Schraub-Verschlusskappe, transparent,
Fingergrip mit Schlitz
• Schutzgrad IP00 von Frontseite,
nach IEC 60529
Standards / Normen
UL 512, CSA C22.2–39
Technische Daten
• Nennspannung
250 V
• Nennstrom
10 A
• Zulässige Umge-
bungstemperaturen
–40 °C / +85 °C
• Verlustleistung
1,3 W
• Klimakategorie
40 / 085 / 56
• Vibrationsbeständigkeit NF C 20-706 / IEC 60068-2-6 /
10-2000 Hz / 0,75 mm / 10 Perioden
• Schockbeständigkeit
NF C 20-727 / IEC 60068-2-27 / 100 g
• Gewicht
≤ 6 g
• Farbe
schwarz standard
Auf Anfrage
Kopf: grün (ref. V) / gelb (ref. J)
Technical data
• Rated voltage:
250 V
• Rated current:
10 A
• Permissible environ-
mental temperature
–40 °C / +85 °C
• Power dissipation
1,3 W
• Climatic range
40 / 085 / 56
• Vibrations
NF C 20-706 / IEC 60068-2-6 /
10-2000 Hz / 0,75 mm / 10 cycles
• Shocks
NF C 20-727 / IEC 60068-2-27 / 100 g
• Weight
≤ 6 g
• Color
standard model black
On request
cap: green (ref. V) / yellow (ref. J)
Horizontal or vertical mounting /
Montage horizontal oder vertikal
Drilling diagram /
Bohrplan
Order No./
Approvals /
Bestell-Nr.
Approbationen
UL
CSA
7090.5110
Fuseholder complete, black, vertical or horizontal mounting
••
G-Sicherungshalter komplett, schwarz, vertikale oder horizontale Montage
7090.5120
Fuseholder complete, black, vertical mounting
••
G-Sicherungshalter komplett, schwarz, vertikale Montage
7090.5130
Fuseholder complete, black, horizontal mounting
••
G-Sicherungshalter komplett, schwarz, horizontale Montage
Approvals, Patents / Approbationen, Patente
UL
CSA
50
75
100


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn