Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTAB2002A-FCMSD Datasheet(PDF) 9 Page - P-tec Corporation

Part # PTAB2002A-FCMSD
Description  240 Column X 64 Row
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PTAB2002A-FCMSD Datasheet(HTML) 9 Page - P-tec Corporation

Back Button PTAB2002A-FCMSD Datasheet HTML 5Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 6Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 7Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 8Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 9Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 10Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 11Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 12Page - P-tec Corporation PTAB2002A-FCMSD Datasheet HTML 13Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PAGE 9 OF 13
9. Contour Drawing &Block Diagram
LED B/L
1.6± 0.1
127.16[A.A.]
132.2[V.V.]
3- 1.0
T6963C
DB7
FGND
V0
VSS
VDD
/RST
FS
**
5.08
10.0
L
C
C/D
/CE
/RD
/WR
DB0
0.53
0.49
S6B2086
S6B2086
S6B2086
**
**
**
OR EQUIVALENT
*
4-R1.75
L
C
80
80
64
**
S6B2086
240 x 64 DOTS
80
LCD PANEL
20- 1.0
4.25
2.54
L
C
1.6± 0.1
180.0± 0.5
176.0
154.8
2.0
11.6
L
C
NO B/L
10.9± 0.5
6.9± 0.5
16.0[MAX.]
11.0[MAX.]
132.2[V.V.]
154.8
176.0
180.0± 0.5
11.6
2.0
16.0[MAX.]
4-R1.75
127.16[A.A.]
3- 1.0
C
L
10.0
5.08
C
L
C
L
1.6± 0.1
C
L
2.54
4.25
10.9± 0.5
20- 1.0
WHITE LED B/L


Similar Part No. - PTAB2002A-FCMSD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
logo
Cree, Inc
PTAB182002FC CREE-PTAB182002FC Datasheet
569Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 190 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTAB182002FCV1R0 INFINEON-PTAB182002FCV1R0 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R0XTMA1 INFINEON-PTAB182002FCV1R0XTMA1 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTAB182002FCV1R250 INFINEON-PTAB182002FCV1R250 Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
More results

Similar Description - PTAB2002A-FCMSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTG-24064E ETC-MTG-24064E Datasheet
86Kb / 1P
   240 X 64 LCD
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
logo
HYES Optoelectronics, I...
HE245XX01 HYES-HE245XX01 Datasheet
180Kb / 1P
   240 X 64 Dots
logo
Vishay Siliconix
LCD-240H064A VISHAY-LCD-240H064A_V01 Datasheet
67Kb / 3P
   240 x 64 Graphic LCDs
01-Jan-2022
LCD-240H064C VISHAY-LCD-240H064C Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
Revision: 23-Jun-17
LCD-240H064A VISHAY-LCD-240H064A_V02 Datasheet
67Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2023
LCD-240H064J VISHAY-LCD-240H064J Datasheet
63Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
LCD-240H064C VISHAY-LCD-240H064C_V01 Datasheet
69Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064J VISHAY-LCD-240H064J_V01 Datasheet
66Kb / 3P
   240 x 64 Graphic LCD
01-Jan-2022
LCD-240H064A VISHAY-LCD-240H064A Datasheet
64Kb / 3P
   240 x 64 Graphic LCD
Revision: 07-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com