Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPD31N05 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SPD31N05
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPD31N05 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SPD31N05 Datasheet HTML 1Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 2Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 3Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 4Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 5Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 6Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 7Page - Siemens Semiconductor Group SPD31N05 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
30/Jan/1998
SPD31N05
SPU31N05
Maximum Ratings
Parameter
Symbol
Values
Unit
Operating temperature
Tj
-55 ... + 175
°C
Storage temperature
Tstg
-55 ... + 175
Thermal resistance, junction - case
RthJC
2
K/W
Thermal resistance, junction - ambient (PCB mount)**
RthJA
50
Thermal resistance, junction - ambient
RthJA
100
IEC climatic category, DIN IEC 68-1
55 / 175 / 56
** when mounted on 1 " square PCB ( FR4 );for recommended footprint
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
55
-
-
V
Gate threshold voltage
VGS=VDS, ID = 50 µA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 50 V, VGS = 0 V, Tj = -40 °C
VDS = 50 V, VGS = 0 V, Tj = 25 °C
VDS = 50 V, VGS = 0 V, Tj = 150 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-resistance
VGS = 10 V, ID = 22 A
RDS(on)
-
0.03
0.04


Similar Part No. - SPD31N05

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD3126 SSDI-SPD3126 Datasheet
214Kb / 2P
   HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
SPD3126F SSDI-SPD3126F Datasheet
214Kb / 2P
   HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
SPD3126FS SSDI-SPD3126FS Datasheet
214Kb / 2P
   HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
SPD3126FSMS SSDI-SPD3126FSMS Datasheet
214Kb / 2P
   HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
SPD3126FSMSS SSDI-SPD3126FSMSS Datasheet
214Kb / 2P
   HIGH VOLTAGE 1.0 AMP 2.5 kV MIN Standard/ Fast / UltraFast Recovery Rectifier
More results

Similar Description - SPD31N05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com