Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM915BA Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM915BA
Description  54V 1A switching LED driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM915BA Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM915BA Datasheet HTML 1Page - ELM Technology Corporation ELM915BA Datasheet HTML 2Page - ELM Technology Corporation ELM915BA Datasheet HTML 3Page - ELM Technology Corporation ELM915BA Datasheet HTML 4Page - ELM Technology Corporation ELM915BA Datasheet HTML 5Page - ELM Technology Corporation ELM915BA Datasheet HTML 6Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Rev.1.1
■Block diagram
6 -
LD/PWM
VDD
2
1
6
3
4
5
GND
CS
SW
RT
OTP/OVP
Toff time
modulation
Regulator
5V
250mV
250
25
0.25 2.5
Vd(mV)
S
R
Q
250mV
5V
Vin
-
+
-
+
-
+
ELM915BA 54V 1A switching LED driver
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
Input DC supply voltage range
Vdd
DC supply voltage
6
54
V
Shut-down mode
supply current
Iin_SD LD/PWM to GND, Vin=6V
600
μA
VDD under voltage lockout
threshold
UVLO Vdd rising
5.4
V
UVLO hysteresis
ΔUVLO Vdd falling
300
mV
LD/PWM low disable voltage
Vsd
LD/PWM voltage falling
180
mV
LD/PWM linear dimming
voltage range
Vld
0.25
2.50
V
Current sense pull-in
threshold voltage
Vcs-th Vin=6V, Top=25°C
238
250
262
mV
Constant off time(100kΩ)
Toff
Rt=100kΩ, Vin=6V, Vcs=0.4V
0.7
μs
Constant off time(500kΩ)
Toff
Rt=500kΩ, Vin=6V, Vcs=0.4V
3.5
μs
SW switch resistance
Rsw(on) Vin=6V, Vcs=0V
0.5
Ω
Current sense blanking time
Tblank Vld/pwm=Vdd, Vcs=0.4V
300
ns
■Electrical characteristics
Top=25°C
Vin=6V


Similar Part No. - ELM915BA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
More results

Similar Description - ELM915BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM915BA ELM-TECH-ELM915BA_17 Datasheet
1Mb / 5P
   50V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
logo
Silan Microelectronics ...
SD42509 SILAN-SD42509 Datasheet
606Kb / 7P
   1A WHITE LED DRIVER
logo
First Silicon Co., Ltd
FC1360 FS-FC1360 Datasheet
149Kb / 7P
   1A LED Lighting Driver
logo
Linear Technology
LT3474 LINER-LT3474 Datasheet
220Kb / 20P
   Step-Down 1A LED Driver
LT3474 LINER-LT3474_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
LT3474-1 LINER-LT3474-1_15 Datasheet
225Kb / 20P
   Step-Down 1A LED Driver
logo
Unisonic Technologies
L3010 UTC-L3010_16 Datasheet
193Kb / 6P
   1A HIGH POWER LED DRIVER
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
XLSEMI
XL8004 XLSEMI-XL8004 Datasheet
351Kb / 11P
   80V 1A Switching Current Buck PFM LED Constant Current Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com