Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM408SM Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM408SM
Description  Rotary Decoder - 2 wire Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM408SM Datasheet(HTML) 3 Page - ELM Electronics

  ELM408SM Datasheet HTML 1Page - ELM Electronics ELM408SM Datasheet HTML 2Page - ELM Electronics ELM408SM Datasheet HTML 3Page - ELM Electronics ELM408SM Datasheet HTML 4Page - ELM Electronics ELM408SM Datasheet HTML 5Page - ELM Electronics ELM408SM Datasheet HTML 6Page - ELM Electronics ELM408SM Datasheet HTML 7Page - ELM Electronics ELM408SM Datasheet HTML 8Page - ELM Electronics ELM408SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Ordering Information
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
These integrated circuits are only available in either a 300 mil plastic DIP format, or in a 150 mil SOIC surface
mount type of package. To order, add the appropriate suffix to the part number:
300 mil Plastic DIP............................... ELM408P
150 mil SOIC..................................... ELM408SM
ELM408
3 of 10
ELM408DSA
Outline Diagrams
The diagrams at the right show the two package
styles that the ELM408 is available in. The first shows
our ELM408P product, which is an ELM408 in a
300 mil DIP package. This is a standard through hole
type dual inline package. The ELM408SM is our
surface mount version of the ELM408. The device
package has a 3.90 mm wide body, and is commonly
called a 150 mil SOIC package.
The drawings shown here provide the basic
dimensions for these ICs only. Please refer to the
following Microchip Technology Inc. documentation for
more detailed information:
• Microchip Packaging Specification, document name
en012702.pdf (7.5MB). At the www.microchip.com
home page, click on Packaging Specifications, or go
to www.microchip.com/packaging
• PIC12F508/509/16F505
Data
Sheet,
document
41236E.pdf (1.5 MB). At the www.microchip.com
home page, click on Data Sheets, then search for
12F508.
Note: all dimensions shown are in mm.
ELM408P
max
10.92
6.35
ELM408SM
3.90
6.00
1.27
2.54


Similar Part No. - ELM408SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM408SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
   2-Wire Interface Board
Rev 1; 2/00
logo
Fairchild Semiconductor
NM24C04U FAIRCHILD-NM24C04U Datasheet
89Kb / 13P
   EEPROM 2-Wire Bus Interface
logo
List of Unclassifed Man...
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
   2-Wire/4-Wire Telephone Line Interface
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com