Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM407 Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM407
Description  Rotary Decoder - 3 wire 4x Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM407 Datasheet(HTML) 1 Page - ELM Electronics

  ELM407 Datasheet HTML 1Page - ELM Electronics ELM407 Datasheet HTML 2Page - ELM Electronics ELM407 Datasheet HTML 3Page - ELM Electronics ELM407 Datasheet HTML 4Page - ELM Electronics ELM407 Datasheet HTML 5Page - ELM Electronics ELM407 Datasheet HTML 6Page - ELM Electronics ELM407 Datasheet HTML 7Page - ELM Electronics ELM407 Datasheet HTML 8Page - ELM Electronics ELM407 Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ELM407
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
Connection Diagram
PDIP and SOIC
(top view)
VDD
VSS
1
2
3
4
8
7
6
5
Rotary Decoder - 3 wire 4x Interface
The ELM407 is an 8 pin integrated circuit that is
used to convert the output from a rotary encoder into
three signals (chip select, clock and up/down) that
can be used to control various devices. The low
power CMOS technology used ensures that only a
very small current is required over the entire 2.0 to
5.5 volt operating range.
There is no need for external filtering or
debounce circuits with the ELM407, as this is all
performed
within
the
integrated
circuit.
After
debouncing
the
encoder
signals,
the
ELM407
determines the direction of shaft rotation, and then
generates the appropriate outputs. A write sequence
can also be generated if the Write Enable input is at
a high level when the outputs are generated.
The ELM407 provides 4x decoding of a rotary
encoder signal. If your application requires 2x
decoding, please see the ELM406 (it is identical to
the ELM407 in every respect, except that it provides
2x decoding).
Clk
A
B
Description
• Digital audio potentiometer controls
• Variable voltage or temperature circuits
• Positioning controls
• Tuning circuits
Applications
Block Diagram
1 of 10
• Low power CMOS design
• Wide supply range – 2.0 to 5.5 volts
• Complete debouncing of the encoder inputs
• No external filtering needed
• 4x decoding
• Can generate a write sequence
• Startup delay timer
• High current drive outputs
Features
ELM407DSA
CS
U/D
Write
Enable
B
7
A
Debounce
Circuit
2
CS
5
VDD
Direction
Decoding
4
Write
Enable
VDD
Output
Logic
3
U/D
Rotary
Encoder
Debounce
Circuit
6
Clk


Similar Part No. - ELM407

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM407

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
   Rotary Decoder - 2 wire Interface
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
logo
Maxim Integrated Produc...
MAX5391LEVMINIQU MAXIM-MAX5391LEVMINIQU Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
MAX5393EVMINIQU MAXIM-MAX5393EVMINIQU Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Nippon Precision Circui...
SM8530B NPC-SM8530B Datasheet
410Kb / 9P
   Standard Bus Interface Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com