Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM404 Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM404
Description  Rotary Decoder - 3 wire 2x Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM404 Datasheet(HTML) 9 Page - ELM Electronics

  ELM404 Datasheet HTML 1Page - ELM Electronics ELM404 Datasheet HTML 2Page - ELM Electronics ELM404 Datasheet HTML 3Page - ELM Electronics ELM404 Datasheet HTML 4Page - ELM Electronics ELM404 Datasheet HTML 5Page - ELM Electronics ELM404 Datasheet HTML 6Page - ELM Electronics ELM404 Datasheet HTML 7Page - ELM Electronics ELM404 Datasheet HTML 8Page - ELM Electronics ELM404 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Figure 7 below shows how the ELM404 might be
used with a digital potentiometer (in this case, an
AD5220 from Analog Devices).
Pullup resistors of 10 K
Ω are used with the rotary
encoder to provide voltages for the A and B inputs.
Power for the ELM404 and the AD5220 has been
supplied from a common source (it must be between
2.7V and 5.5V for the AD5220), and a small capacitor
has been added to ensure that the supply is filtered.
Note that the output lines are directly connected to the
AD5220 inputs, but we have added a 10 k
Ω pullup
resistor on the CS line, to ensure that it rises rapidly to
the VDD level as quickly as possible after power up.
This may not be absolutely necessary in this case (as
the AD5220 setting only changes on the falling edge of
the clock signal), but it does not hurt to add it.
That’s about all there is to using the ELM404.
Connect pullup resistors to your rotary encoder,
connect the encoder signals to the ELM404, then
connect the ELM404 to the controlled circuit. Use a
common supply for all the devices, and add a small
bypass capacitor across the supply line. The controlled
devices can be digital pots, microprocessors, or almost
any circuit that will accept CMOS signals. Enjoy!
Example Application
Figure 7. Connecting the ELM404 to an AD5220
9 of 9
ELM404DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM404
0.01µF
1
2
3
4
8
7
6
5
VDD
VDD
VDD
10 K
10 K
A
B
rotary
encoder
C
10 K
AD
5220
1
2
3
4
8
7
6
5
H
W
L
VDD


Similar Part No. - ELM404

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM404

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
   Rotary Decoder - 2 wire Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
logo
Maxim Integrated Produc...
MAX5391LEVMINIQU MAXIM-MAX5391LEVMINIQU Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
MAX5393EVMINIQU MAXIM-MAX5393EVMINIQU Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Nippon Precision Circui...
SM8530B NPC-SM8530B Datasheet
410Kb / 9P
   Standard Bus Interface Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com