Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM403 Datasheet(PDF) 9 Page - ELM Electronics

Part # ELM403
Description  Rotary Decoder - 2 wire 4x Interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM403 Datasheet(HTML) 9 Page - ELM Electronics

  ELM403 Datasheet HTML 1Page - ELM Electronics ELM403 Datasheet HTML 2Page - ELM Electronics ELM403 Datasheet HTML 3Page - ELM Electronics ELM403 Datasheet HTML 4Page - ELM Electronics ELM403 Datasheet HTML 5Page - ELM Electronics ELM403 Datasheet HTML 6Page - ELM Electronics ELM403 Datasheet HTML 7Page - ELM Electronics ELM403 Datasheet HTML 8Page - ELM Electronics ELM403 Datasheet HTML 9Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Figure 6 below shows how the ELM403 might be
used with a microprocessor. Pullup resistors of 10 K
are used with the rotary encoder to provide voltages
for the A and B inputs. Power for the ELM403 has
been obtained from the microprocessor circuit, but a
small capacitor has been added to ensure that the
supply is filtered. The output is not inverted (pin 5 is at
0V), so pins 6 and 7 are normally at 0V, providing
positive-going pulses only when the rotary encoder is
turned. To allow the microprocessor plenty of time to
poll the signals, an output period of 2.0 msec has been
chosen, by setting pin 4 to VDD. The positive supply
has been shown as VDD, as the ELM403 will operate
with any voltage from 2.0 to 5.5 volts.
The other schematic (Figure 7) shows how the
ELM403 might be used with a digital potentiometer
chip, in this case the Maxim MAX5128. Note that the
ELM403 does not support the write function for chips
such as this, so every time that the circuit is powered
up, the wiper returns to the midpoint position. Since
the Maxim data sheet specifies a rather large bypass
capacitor (0.1 µF), we have shown it here, but you
may not need a capacitor that big if there are no writes
being performed. The ELM403 has been set for
0.2 msec positive going output pulses which are
considerably more than the 80 nsec minimum time. As
the MAX5128 requires positive-going pulses, we have
not put any pullups on the ELM403 outputs, but this
may be a consideration with other potentiometers.
That’s about all there is to using the ELM403.
Connect pullup resistors to your rotary encoder,
connect the encoder signals to the ELM403, then
connect the ELM403 to the controlled circuit. Use a
common supply for all the devices, and add a bypass
capacitor across the supply line. The controlled
devices can be digital pots, microprocessors, or almost
any circuit that will accept CMOS signals. Enjoy!
Example Applications
Figure 6. Connecting the ELM403 to a microprocessor
Figure 7. Connecting the ELM403 to a MAX5128
9 of 9
ELM403DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM403
0.01µF
your microprocessor
port pins
1
2
3
4
8
7
6
5
VDD
VDD
VDD
VDD
10 K
10 K
rotary
encoder
A
B
C
1
2
3
4
8
7
6
5
MAX5128
0.1µF
1
2
3
4
8
7
6
5
+5V
+5V
10 K
+5V
rotary
encoder
A
B
C
H
W
L


Similar Part No. - ELM403

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM403

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM407 ELM-ELM407 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
   Rotary Decoder - 2 wire Interface
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
logo
Maxim Integrated Produc...
MAXSMBUS MAXIM-MAXSMBUS Datasheet
219Kb / 8P
   2-Wire Interface Board
Rev 1; 2/00
logo
Fairchild Semiconductor
NM24C04U FAIRCHILD-NM24C04U Datasheet
89Kb / 13P
   EEPROM 2-Wire Bus Interface
logo
List of Unclassifed Man...
XE0204 ETC-XE0204 Datasheet
39Kb / 8P
   2-Wire/4-Wire Telephone Line Interface
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com