Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0991 Datasheet(PDF) 3 Page - Elektron Components Ltd.

Part # PX0991
Description  900 Series Buccaneer짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0991 Datasheet(HTML) 3 Page - Elektron Components Ltd.

  PX0991 Datasheet HTML 1Page - Elektron Components Ltd. PX0991 Datasheet HTML 2Page - Elektron Components Ltd. PX0991 Datasheet HTML 3Page - Elektron Components Ltd. PX0991 Datasheet HTML 4Page - Elektron Components Ltd. PX0991 Datasheet HTML 5Page - Elektron Components Ltd. PX0991 Datasheet HTML 6Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.elektron-bulgin.com
22
BUCCANEER FOR POWER
PX0941
Mates with PX0911 and
PXA911 connectors
Supplied with high grade
sealing gasket
Supplied with sealing
grommets for panel fixing
screws (M6 thread
recommended)
Flange Mounting
PX0941/02/P
2 pole Plug
PX0941/02/S
2 pole Socket
PX0941/03/P
3 pole Plug
PX0941/03/S
3 pole Socket
PX0941/04/P
4 pole Plug
PX0941/04/S
4 pole Socket
PX0941/05/P
5 pole Plug
PX0941/05/S
5 pole Socket
PX0941/07/P
7 pole Plug
PX0941/07/S
7 pole Socket
PX0941/10/P
10 pole Plug
PX0941/10/S
10 pole Socket
Panel Mounting
PX0931/02/P
2 pole Plug
PX0931/02/S
2 pole Socket
PX0931/03/P
3 pole Plug
PX0931/03/S
3 pole Socket
PX0931/04/P
4 pole Plug
PX0931/04/S
4 pole Socket
PX0931/05/P
5 pole Plug
PX0931/05/S
5 pole Socket
PX0931/07/P
7 pole Plug
PX0931/07/S
7 pole Socket
PX0931/10/P
10 pole Plug
PX0931/10/S
10 pole Socket
PX0931
Mates with PX0911 and
PXA911 connectors
Single hole fixing
Anti-rotation key
High grade sealing gasket
3-7mm panel thickness
900 Series Buccaneer®
PANEL MOUNTING CONNECTOR
FLANGE MOUNTING CONNECTOR
Conns4 - Buccaneer 2010 - Power:Conns4 - Buccaneer 2005v8
8/6/10
16:32
Page 22


Similar Part No. - PX0991

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX091102P01 ETC2-PX091102P01 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102P02 ETC2-PX091102P02 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102P03 ETC2-PX091102P03 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102S01 ETC2-PX091102S01 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
PX091102S02 ETC2-PX091102S02 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
More results

Similar Description - PX0991

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0482 BULGIN-PX0482 Datasheet
509Kb / 6P
   400 Series Buccaneer짰
PX0415 BULGIN-PX0415 Datasheet
209Kb / 3P
   SMB Buccaneer짰
PX0417 BULGIN-PX0417 Datasheet
327Kb / 4P
   FireWire Buccaneer짰
logo
List of Unclassifed Man...
SA3319 ETC2-SA3319 Datasheet
585Kb / 20P
   Buccaneer짰 Connectors
logo
Elektron Components Ltd...
PX0840 BULGIN-PX0840 Datasheet
552Kb / 6P
   USB Buccaneer짰
SA3159 BULGIN-SA3159 Datasheet
343Kb / 4P
   Mini Buccaneer짰
PX0836 BULGIN-PX0836 Datasheet
458Kb / 6P
   Ethernet Buccaneer짰
logo
MKS Instruments.
PDR900 MKS-PDR900 Datasheet
258Kb / 4P
   Series 900 controller
logo
List of Unclassifed Man...
A11809-02 ETC-A11809-02 Datasheet
318Kb / 2P
   Tpcm 900 Series
logo
Adels-Contact
196423 ADELS-196423 Datasheet
114Kb / 1P
   ZEL 900
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com