Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0001.2505.PT Datasheet(PDF) 1 Page - Cherry Semiconductor Corporation

Part # 0001.2505.PT
Description  Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHERRY [Cherry Semiconductor Corporation]
Direct Link  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

0001.2505.PT Datasheet(HTML) 1 Page - Cherry Semiconductor Corporation

  0001.2505.PT Datasheet HTML 1Page - Cherry Semiconductor Corporation 0001.2505.PT Datasheet HTML 2Page - Cherry Semiconductor Corporation 0001.2505.PT Datasheet HTML 3Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image

Non resettable fuses
SPT 5x20 Pigtail
www.schurter.com/pg0_2
Fuses
Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
IEC 60127-2 · 250VAC · 300VDC · Time-Lag T
Description
-IECStandardFuse
-H=HighBreakingCapacity(CeramicTube)
Standards
-IEC60127-2/5
-UL248-14
-CSAC22.2no.248.14
Approvals
-ULFileNumber:E41599
Applications
-PrimaryProtectiononPCB
-PowerSupplyAdapterfore.g.laptops
-SMPS(SwitchingModePowerSupply)forTV'sandDVD's
References
PackagingDetails
Weblinks
pdf,html,GeneralProductInformation,Approvals,RoHS,CHINA-RoHS,
e-Shop,SCHURTER-Stock-Check,Distributor-Stock-Check
Technical Data
RatedVoltage
250VAC300VDC
RatedCurrent
0.5-16A
BreakingCapacity
500A-1500A
Characteristic
Time-LagT
AdmissibleAmbientAirTemp. -55°Cto125°C
ClimaticCategory
55/125/21acc.toIEC60068-1
Material:Tube
Ceramic
Material:Endcaps
Nickel-PlatedCopperAlloy
Material:AxialLeads
Tin-PlatedCopper
UnitWeight
1.68g
StorageConditions
0°Cto60°C,max.70%r.h.
ProductMarking
,Current,Voltage,Characteristic,
BreakingCapacity,Approvals
SolderingMethods
Wave,Iron
Solderability
235°C/2secacc.toIEC60068-2-20,
TestTa,method1
ResistancetoSolderingHeat
260°C/5secacc.toIEC60068-2-20,
TestTb,method1A
Dimensions
22.5mm
max. 22.5
.xx = .TR: 75 ±0.3
.xx = .PT: 40±0.2
.xx = .PT: 40±0.2
In
≤ 6.3 A: ØA = 0.65 mm
8 A
≤ In ≤ 12.5 A: ØA = 0.8 mm
In
≥ 16 A: ØA = 1.0 mm


Similar Part No. - 0001.2505.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0001.2505.PT SCHURTER-0001.2505.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
More results

Similar Description - 0001.2505.PT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
SPT5X20PIGTAIL SCHURTER-SPT5X20PIGTAIL Datasheet
285Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
0001.2501.PT SCHURTER-0001.2501.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, H, 250 VAC, UL: 115 - 300 VDC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL Datasheet
314Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V01 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
29.09.2021
FST5X20PIGTAIL SCHURTER-FST5X20PIGTAIL_V02 Datasheet
326Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Time-Lag T, L, 250 VAC
04.01.2022
SPT5X20 SCHURTER-SPT5X20 Datasheet
369Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
00012501 SCHURTER-00012501 Datasheet
370Kb / 3P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
SPT5X20 SCHURTER-SPT5X20_V01 Datasheet
385Kb / 4P
   Miniature Fuse, 5 x 20 mm, Time-Lag T, H, 250 VAC, UL: 115 V - 300 VDC
08.02.2022
SP5X20PIGTAIL SCHURTER-SP5X20PIGTAIL Datasheet
284Kb / 4P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
0001.1001.PT SCHURTER-0001.1001.PT Datasheet
252Kb / 3P
   Miniature Fuse with Pigtail, 5.4 x 22.5 mm, Quick-Acting F, H, 250 VAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com