Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PF0033 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part No. PF0033
Description  Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PF0033 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PF0033 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
96
IEC CONNECTORS
Accessories
Specification
P.No. 14228
P.No. 14277
P.No. 14340
P.No. 14317
Blanking cover for
Blanking cover for
Insulation boot for
Insulation boot for
PX0578,
PX0591,
PS20,
PF0030,
PX0675,
PX0592,
PS21,
PF0033
PX0695,
PS25,
(except /PC versions)
PX0783,
PS26
PX0793,
PX0716,
PX0717,
PX0718
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–20˚C to +60˚C
–20˚C to +60˚C
Max. Working Voltage:
250V a.c.
250V a.c.
250V a.c.
250V a.c.
Flash Tested:
2kV a.c.
2kV a.c.
2kV a.c.
2kV a.c.
Material:
Nylon
Nylon
P.V.C.
P.V.C.
Flammability Rating:
UL94V-0
UL94V-0
UL94V-0
UL94V-0
Compliant
Compliant
Compliant
Compliant
PNo 14340
PNo 14317
PNo 14228
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric
Shock
PNo 14277
BLANKING COVER
INSULATION BOOT
BLANKING COVER
INSULATION BOOT
Blanking covers
Protects Front of Outlet Connector
Protects Against Accidental Electric
Shock
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 96


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn