Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0716 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0716
Description  EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0716 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0716 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
87
IEC CONNECTORS
PX0716/48
Inlet/Outlet combination
Panel Size1.2mm
4.8mm tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
PX0718/x/xx/ST
Fused Inlet/Outlet
combination
1-6 outlet versions
Panel Size 1.5mm
Terminals:
inlet: 4.8mm tabs
outlet: solder tags
10A, 250V a.c.
(15A, 250V a.c. UL)
All outlet terminals linked,
common earth throughout
Specification
PX0716/Termination
PX0718/x/15/Termination
Fixing:
Snap fit 1.2mm accommodation
Snap fit 1.5mm accommodation
Terminations:
/48 (4.8mm tab)
/ST (outlet solder tag, inlet 4.8mm tab)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
(UL 15A, 125V a.c.)
(UL 15A, 250V a.c.)
Insulation Resistance:
>100M
Ω (500V d.c., 1 min.)
>100M
Ω (500V d.c., 1 min.)
Dielectric Strength:
2kV (50Hz, 1 min.)
2kV (50Hz, 1 min.)
Operating Temp. Range:
–20˚C to +70˚C
–20˚C to +70˚C
Max. Pin Temp.:
+70ºC
+70ºC
Mouldings:
Nylon 66, Flammability Rating UL94V-0
Glass filled Thermoplastic, UL94V-0
Contacts:
Brass, Tin Plated
Brass, Tin Plated
Approvals:
Accessories / Notes:
--
Mates with:
PX0587, PX0587/SE, PX0588, PX0686,
PX0587, PX0587/SE, PX0588, PX0686,
PX0686/SE
PX0686/SE
Compliant
Compliant
SNAP FIT TO PANEL INLET/OUTLET
SNAP FIT TO PANEL FUSED INLET/OUTLET
EN60 320-1 Standard Sheet C14 Class I Cold Condition &
EN60 320-2-2 Standard Sheet F Class I Cold Condtion
Fixing Details
Part No:
‘A’
‘B’
PX0718/1
58.1
55.2
PX0718/2
82.1
79.2
PX0718/3
106.1
103.3
PX0718/4
130.1
127.3
PX0718/5
154.1
151.3
PX0718/6
178.1
175.3


Similar Part No. - PX0716

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0716 BULGIN-PX0716 Datasheet
85Kb / 1P
   Accessories
More results

Similar Description - PX0716

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PX0591 BULGIN-PX0591 Datasheet
107Kb / 1P
   EN60 320-2-2 Standard Sheet J & Standard Sheet I, Class I Cold Condition
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
logo
List of Unclassifed Man...
PF000128 ETC2-PF000128 Datasheet
1Mb / 27P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
logo
Elektron Components Ltd...
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com