Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0485 Datasheet(PDF) 4 Page - Elektron Components Ltd.

Part # PX0485
Description  IP68 Sealed - Mini USB Buccaneer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0485 Datasheet(HTML) 4 Page - Elektron Components Ltd.

  PX0485 Datasheet HTML 1Page - Elektron Components Ltd. PX0485 Datasheet HTML 2Page - Elektron Components Ltd. PX0485 Datasheet HTML 3Page - Elektron Components Ltd. PX0485 Datasheet HTML 4Page - Elektron Components Ltd. PX0485 Datasheet HTML 5Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.elektron-bulgin.com
61
BUCCANEER FOR DATA
Sealing caps to maintain IP
rating when connectors are
not in use
PCB headers for use with
PX0443 & PX0456
ACCESSORIES
Part No.
Description
PX0485
Sealing cap for use with PX0441, PX0442 & PX0444
PX0480
Sealing cap for use with PX0443 & PX0456
PX0484
Sealing cap for use with PX0446, PX0447, PX0457 & PX0458
14191
5 way straight header
14192
5 way right angle header
14563
6 way straight header
14564
6 way right angle header
PX0457
PX0458
Mini ‘AB’ type
Leaded with 6 way header
Mates with PX0441, PX0442 &
PX0444 type cables
Mini ‘AB’ type
With pins for direct PC
mounting
Mates with PX0441, PX0442 &
PX0444 type cables
REAR PANEL MOUNTING CONNECTOR
Part No.
Description
PX0457
IP68 AB type Mini USB, rear panel mounted. 6 way header connector at rear.
PX0458
IP68 AB type Mini USB, rear panel mounted. PC terminals at rear.
Maintains cable screening
directly to panel
Shielding can clips around the
panel fixing nut
For use on PX0459
SCREENING CAN
PX0464
Mini USB Buccaneer
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 61


Similar Part No. - PX0485

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0485 BULGIN-PX0485 Datasheet
209Kb / 3P
   SMB Buccaneer짰
logo
List of Unclassifed Man...
PX0485 ETC2-PX0485 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0485/BK BULGIN-PX0485/BK Datasheet
327Kb / 4P
   FireWire Buccaneer짰
More results

Similar Description - PX0485

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
   USB Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
logo
C&K Components
PNP CK-COMPONENTS-PNP Datasheet
432Kb / 5P
   IP68 sealed to endure harsh environments
logo
PowerDynamics, Inc
3353K00030 POWERDYNAMICS-3353K00030 Datasheet
342Kb / 1P
   Metal Waterproof USB/A Coupler (IP68)
logo
Elektron Components Ltd...
FX0419 BULGIN-FX0419 Datasheet
99Kb / 1P
   Panel Mounting Touchproof, Sealed to IP68, PC2
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com