Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0636 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0636
Description  Plug and Socket (6 Pole)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0636 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0636 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.bulgin.co.uk
148
GENERAL PURPOSE CONNECTORS
PX0635
PX0636
Plug and Socket (6 Pole)
6 Pole
Mates with PX0636
Key to Ensure Correct Polarity
Solder Buckets
3A, 50V a.c.
6 Pole
Mates with PX0635
Key Way to Ensure Correct
Polarity
Solder Tags
3A, 50V a.c.
Specification
PX0635
PX0636
Terminations:
Solder Buckets
Solder Tags
Max. Rating:
3A, 50V a.c.
3A, 50V a.c.
Contact Resistance:
<10m
<10m
Insulation Resistance:
>104 M
>104 M
A.C. Breakdown:
Pole-Pole 2.1kV
Pole-Pole 2.1kV
Poles-Panel 6.0kV
Poles-Accessible Parts 1.5kV
Operating Temp. Range:
–20˚C to +60˚C
–20˚C to +60˚C
Mouldings:
Glass Filled Nylon
Glass Filled Nylon
Contacts:
Brass, Silver Plated
Brass, Silver Plated
Accessories:
P.No. 9455 (see page 151)
Mates With:
PX0636
PX0635
Compliant
Compliant
CIRCULAR MALE INLET
CIRCULAR FEMALE CONNECTOR
RoHS


Similar Part No. - PX0636

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0646 BULGIN-PX0646 Datasheet
65Kb / 1P
   Plugs and Sockets (2 Pole Earth)
PX0649 BULGIN-PX0649 Datasheet
58Kb / 1P
   Plug and Socket (2 Pole Earth)
PX0650 BULGIN-PX0650 Datasheet
58Kb / 1P
   Plug and Socket (2 Pole Earth)
PX0675 BULGIN-PX0675 Datasheet
85Kb / 1P
   Accessories
PX0675 BULGIN-PX0675 Datasheet
102Kb / 1P
   EN60 320-2-2 Standard Sheet F Class I
More results

Similar Description - PX0636

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2600 SCHURTER-4850.2600_V02 Datasheet
241Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2600 SCHURTER-4850.2600_V01 Datasheet
241Kb / 2P
   , 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.1610 SCHURTER-4850.1610_V01 Datasheet
238Kb / 2P
   , 6-pole, Plug, solder terminal, DIN Plug/Socket
4850.1610 SCHURTER-4850.1610_V02 Datasheet
238Kb / 2P
   , 6-pole, Plug, solder terminal, DIN Plug/Socket
04.01.2022
4850.2610 SCHURTER-4850.2610 Datasheet
224Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2600 SCHURTER-4850.2600 Datasheet
228Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2600 SCHURTER-4850.2600_17 Datasheet
229Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_18 Datasheet
233Kb / 2P
   4850, 6-pole, Socket, PCB terminals, DIN Plug/Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com