Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0793 Datasheet(PDF) 1 Page - Elektron Components Ltd.

Part # PX0793
Description  Accessories
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0793 Datasheet(HTML) 1 Page - Elektron Components Ltd.

  PX0793 Datasheet HTML 1Page - Elektron Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.elektron-bulgin.com
96
IEC CONNECTORS
Accessories
Specification
P.No. 14228
P.No. 14277
P.No. 14340
P.No. 14317
Blanking cover for
Blanking cover for
Insulation boot for
Insulation boot for
PX0578,
PX0591,
PS20,
PF0030,
PX0675,
PX0592,
PS21,
PF0033
PX0695,
PS25,
(except /PC versions)
PX0783,
PS26
PX0793,
PX0716,
PX0717,
PX0718
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–20˚C to +60˚C
–20˚C to +60˚C
Max. Working Voltage:
250V a.c.
250V a.c.
250V a.c.
250V a.c.
Flash Tested:
2kV a.c.
2kV a.c.
2kV a.c.
2kV a.c.
Material:
Nylon
Nylon
P.V.C.
P.V.C.
Flammability Rating:
UL94V-0
UL94V-0
UL94V-0
UL94V-0
Compliant
Compliant
Compliant
Compliant
PNo 14340
PNo 14317
PNo 14228
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric
Shock
PNo 14277
BLANKING COVER
INSULATION BOOT
BLANKING COVER
INSULATION BOOT
Blanking covers
Protects Front of Outlet Connector
Protects Against Accidental Electric
Shock
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 96


Similar Part No. - PX0793

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0793/28 BULGIN-PX0793/28 Datasheet
134Kb / 1P
   EN60 320-2-2 Standard Sheet F Class I Shuttered
More results

Similar Description - PX0793

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9025920000 WEIDMULLER-9025920000 Datasheet
899Kb / 20P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-12 PF-BCM-12 Datasheet
106Kb / 1P
   Accessories
PTA-08-50 PF-PTA-08-50 Datasheet
90Kb / 1P
   Accessories
logo
List of Unclassifed Man...
001152 ETC2-001152 Datasheet
89Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-08 PF-BCM-08 Datasheet
105Kb / 1P
   Accessories
logo
SELEC Controls Pvt. Ltd
USB-RS232 SELEC-USB-RS232 Datasheet
149Kb / 1P
   Accessories
logo
Yamaichi Electronics Co...
Y-CONRJ45 YAMAICHI-Y-CONRJ45 Datasheet
337Kb / 1P
   Accessories
logo
Turck, Inc.
14839 TURCK-14839 Datasheet
136Kb / 1P
   Accessories
logo
Pepperl+Fuchs Inc.
BCM-18 PF-BCM-18 Datasheet
106Kb / 1P
   Accessories
logo
List of Unclassifed Man...
ADAPT1605 ETC2-ADAPT1605 Datasheet
47Kb / 1P
   Accessories
logo
Allen-Bradley
440A-A07265 ALLEN-BRADLEY-440A-A07265 Datasheet
181Kb / 5P
   Accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com