Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0598 Datasheet(PDF) 11 Page - Elektron Components Ltd.

Part # PX0598
Description  POLYSNAP짰 POWER INLET MODULES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0598 Datasheet(HTML) 11 Page - Elektron Components Ltd.

Back Button PX0598 Datasheet HTML 7Page - Elektron Components Ltd. PX0598 Datasheet HTML 8Page - Elektron Components Ltd. PX0598 Datasheet HTML 9Page - Elektron Components Ltd. PX0598 Datasheet HTML 10Page - Elektron Components Ltd. PX0598 Datasheet HTML 11Page - Elektron Components Ltd. PX0598 Datasheet HTML 12Page - Elektron Components Ltd. PX0598 Datasheet HTML 13Page - Elektron Components Ltd. PX0598 Datasheet HTML 14Page - Elektron Components Ltd. PX0598 Datasheet HTML 15Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.elektron-bulgin.com
BZV09/Z0000/04
Inlet/Outlet Combination
2.8mm or 6.3mm tags
Filtered Inlet and Blanking
Plate options
Shuttered or Non-shuttered
Outlet
Fused
For Filtered inlet use 6th to 9th characters from
filter ordering code see pages 125-126.
E.g. BZV09/A0120/04
BZVxx / xxxxx / xx
How to Order
Type of Inlet / Outlet
C14 Power Inlet (cold condition) and Sheet F
Non-shuttered Power Outlet, 2.8 or 6.3mm tabs:
09 = PX0575/63 + PX0695/63
10 = PX0575/28 + PX0695/28
C14 Power Inlet (cold condition) and Sheet F
Shuttered Power Outlet, 2.8 or 6.3mm tabs:
17 = PX0575/63 + PX0783/63
18 = PX0575/28 + PX0783/28
Filtered or Non Filtered Inlet
Z0000 = Non Filtered
Axxxx = Standard
Bxxxx = Medical
Combination of Other Components
Twin Fuseholder:
04 = 2 x FX0359
Voltage Selector and Fuseholder:
14 = 1 x VS0001 + 1 x FX0359
Voltage selector and Neon:
37 = 1 x VS0001 + DX0928/110V/Red
38 = 1 x VS0001 + DX0928/110V/Green
39 = 1 x VS0001 + DX0928/250V/Red
40 = 1 x VS0001 + DX0928/250V/Green
Fuseholder and Neon:
41 = 1 x FX0359 + DX0928/110V/Red
42 = 1 x FX0359 + DX0928/110V/Green
43 = 1 x FX0359 + DX0928/250V/Red
44 = 1 x FX0359 + DX0928/250V/Green
Fuseholder and Blanking Plate:
45 = 1 x FX0359 + Blanking Plate
Voltage Selector and Blanking Plate:
B2 = 1 x VS0001 + Blanking Plate
C14 IEC Inlet/Sheet F IEC Outlet - Vertical
Note: For technical details of individual components please see page 106
VERTICAL MODULE ARRANGEMENT
POLYSNAP® POWER INLET MODULES
115
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:53
Page 115


Similar Part No. - PX0598

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0598 BULGIN-PX0598 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
More results

Similar Description - PX0598

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BVA01Z000001 ETC2-BVA01Z000001 Datasheet
90Kb / 2P
   POLYSNAP POWER INLET MODULES
BVA01Z000010 ETC2-BVA01Z000010 Datasheet
68Kb / 2P
   POLYSNAP POWER INLET MODULES
BZH01Z000010 ETC2-BZH01Z000010 Datasheet
67Kb / 2P
   POLYSNAP POWER INLET MODULES
logo
Bel Fuse Inc.
SPSPFE3-07 BEL-SPSPFE3-07 Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFF3-0X BEL-SPSPFF3-0X Datasheet
1Mb / 14P
   Two separate DC inputs, one DC inlet powers 3 power modules
logo
TE Connectivity Ltd
SR TEC-SR_V01 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Tyco Electronics
6ESRM-P MACOM-6ESRM-P_11 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
   Power Inlet Socket
RAPC322 SWITCH-RAPC322 Datasheet
65Kb / 1P
   POWER INLET SOCKET
logo
Bel Fuse Inc.
SPSTET4-02 BEL-SPSTET4-02 Datasheet
837Kb / 12P
   3x single-phase inputs, one AC inlet power up 2 PSU modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com