Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0575 Datasheet(PDF) 8 Page - Elektron Components Ltd.

Part # PX0575
Description  POLYSNAP짰 POWER INLET MODULES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PX0575 Datasheet(HTML) 8 Page - Elektron Components Ltd.

Back Button PX0575 Datasheet HTML 4Page - Elektron Components Ltd. PX0575 Datasheet HTML 5Page - Elektron Components Ltd. PX0575 Datasheet HTML 6Page - Elektron Components Ltd. PX0575 Datasheet HTML 7Page - Elektron Components Ltd. PX0575 Datasheet HTML 8Page - Elektron Components Ltd. PX0575 Datasheet HTML 9Page - Elektron Components Ltd. PX0575 Datasheet HTML 10Page - Elektron Components Ltd. PX0575 Datasheet HTML 11Page - Elektron Components Ltd. PX0575 Datasheet HTML 12Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
www.elektron-bulgin.com
POLYSNAP® POWER INLET MODULES
112
For Filtered inlet use 6th to 9th
characters from filter ordering
code see pages 125-126.
E.g. BZV03/A0120/07
BZV03/Z0000/07
Inlet with 2.8mm or 6.3mm
tags
Double Pole Switch/
Fuseholder/Indicator/
Voltage Selectors/
Blanking Plate
Filtered Inlet Option
Options of I/O marked
switches
Please note type 05 and
06 are not available in
filtered version
Type of Inlet / Outlet
C14 Power Inlet (cold
condition), 6.3 or 2.8mm
tabs:
03 = PX0575/63
04 = PX0575/28
C16 Power Inlet (hot
condition), 6.3 or 2.8mm
tabs:
05 = PX0595/63
06 = PX0595/28
Filtered or Non Filtered Inlet
Z0000 = Non Filtered
Axxxx = Standard
Bxxxx = Medical
Twin Fuseholder and Double Pole Switch
Marked (I/O):
72 = 2 x FX0359 + D.P. Switch (I/O)
Twin Fuseholder and Double Pole Neon
Switch Marked (I/O):
73 = 2 x FX0359 + D.P. Red Neon
Switch (I/O)
75 = 2 x FX0359 + D.P. Green Neon
Switch(I/O)
82 = 2 x FX0359 + D.P. Red Neon
Switch 125V(I/O)
Voltage Selector, Fuseholder and Double
Pole Switch Marked (I/O):
79 = 1 x VS0001 + 1 x FX0359 +
Double Pole switch (I/O)
Voltage Selector, Fuseholder and Double
Pole Neon Switch Marked (I/O):
80 = 1 x VS0001 + 1 x FX0359 + D.P.
Red Neon Switch (I/O)
81 = 1 x VS0001 + 1 x FX0359 + D.P.
Green Neon Switch (I/O)
Twin Fuseholder and Double Pole High
Inrush Switch Marked (I/O):
83 = 2 x FX0359 + D.P. High Inrush
Switch (I/O)
Twin Fuseholder and Double Pole High
Inrush Neon Switch Marked (I/O):
84 = 2 x FX0359 + 1 x D.P. High
Inrush Green Neon Switch (I/O)
85 = 2 x FX0359 + 1 x D.P. High
Inrush Red Neon Switch (I/O)
Voltage Selector, Neon Indicator and
Double Pole Switch Marked (I/O):
86 = 1 x VS0001 + 1 x
DX0928/110V/Red + D.P. Switch (I/O)
87 = 1 x VS0001 + 1 x
DX0928/110V/Green + D.P. Switch
(I/O)
88 = 1 x VS0001 + 1 x
DX0928/250V/Red + D.P. Switch (I/O)
89 = 1 x VS0001 + 1 x
DX0928/250V/Green + D.P. Switch
(I/O)
C14 and C16 IEC Inlet - Vertical
Combination of Other Components
Voltage Selector, Neon Indicator and
Double Pole High Inrush Switch Marked
(I/O):
90 = 1 x VS0001 + 1 x
DX0928/250V/Red + D.P. High Inrush
Switch(I/O)
91 = 1 x VS0001 + 1 x
DX0928/250V/Green + D.P. High
Inrush Switch(I/O)
Fuseholder, Neon Indicator and Double
Pole Switch Marked (I/O)
92 = 1 x FX0359 + 1 x
DX0928/110V/Red + D.P. Switch (I/O)
93 = 1 x FX0359 + 1 x
DX0928/110V/Green + D.P. Switch
(I/O)
94 = 1 x FX0359 + 1 x
DX0928/250V/Red + D.P. Switch (I/O)
95 = 1 x FX0359 + 1 x
DX0928/250V/Green + D.P. Switch
(I/O)
Fuseholder, Neon Indicator and Double
Pole High Inrush Switch Marked (I/O):
96 = 1 x FX0359 + 1 x
DX0928/250V/Red + D.P. High Inrush
Switch (I/O)
97 = 1 x FX0359 + 1 x
DX0928/250V/Green + D.P. High
Inrush Switch (I/O)
Fuseholder, Blanking Plate and Double
Pole High Inrush Neon Switch Marked
(I/O):
99 = 1 x FX0359 + 1 x Blanking Plate
(Right) + D.P. High Inrush Green Neon
Switch (I/O)
Fuseholder, Blanking Plate and Double
Pole Switch Marked (I/O):
A0 = 1 x FX0359 + 1 x Blanking Plate
(Right) + D.P. Switch (I/O)
B2 = 1 x VS0002 + 1 x Blanking Plate
B3 = 1 x FX0359 + 1 x Blanking Plate
+ D.P. High Inrush Switch (I/O)
BZVxx / xxxxx / xx
How to Order
VERTICAL MODULE ARRANGEMENT
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:53
Page 112


Similar Part No. - PX0575

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0575/10/28 BULGIN-PX0575/10/28 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0575/10/PC BULGIN-PX0575/10/PC Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
List of Unclassifed Man...
PX05751028 ETC2-PX05751028 Datasheet
1Mb / 27P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
PX05751063 ETC2-PX05751063 Datasheet
1Mb / 27P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
More results

Similar Description - PX0575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BVA01Z000001 ETC2-BVA01Z000001 Datasheet
90Kb / 2P
   POLYSNAP POWER INLET MODULES
BVA01Z000010 ETC2-BVA01Z000010 Datasheet
68Kb / 2P
   POLYSNAP POWER INLET MODULES
BZH01Z000010 ETC2-BZH01Z000010 Datasheet
67Kb / 2P
   POLYSNAP POWER INLET MODULES
logo
Bel Fuse Inc.
SPSPFE3-07 BEL-SPSPFE3-07 Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFF3-0X BEL-SPSPFF3-0X Datasheet
1Mb / 14P
   Two separate DC inputs, one DC inlet powers 3 power modules
logo
TE Connectivity Ltd
SR TEC-SR_V01 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Tyco Electronics
6ESRM-P MACOM-6ESRM-P_11 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
   Power Inlet Socket
RAPC322 SWITCH-RAPC322 Datasheet
65Kb / 1P
   POWER INLET SOCKET
logo
Bel Fuse Inc.
SPSTET4-02 BEL-SPSTET4-02 Datasheet
837Kb / 12P
   3x single-phase inputs, one AC inlet power up 2 PSU modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com