Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27517 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27517
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27517 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27517 Datasheet HTML 2Page - Texas Instruments UCC27517 Datasheet HTML 3Page - Texas Instruments UCC27517 Datasheet HTML 4Page - Texas Instruments UCC27517 Datasheet HTML 5Page - Texas Instruments UCC27517 Datasheet HTML 6Page - Texas Instruments UCC27517 Datasheet HTML 7Page - Texas Instruments UCC27517 Datasheet HTML 8Page - Texas Instruments UCC27517 Datasheet HTML 9Page - Texas Instruments UCC27517 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
t
D2
t
D2
90%
10%
OUTPUT
Low
ENABLE
(IN- pin)
High
Low
High
INPUT
(IN+ pin)
t
r
t
f
t
D2
t
D2
90%
10%
OUTPUT
Low
ENABLE
(IN- pin)
High
Low
High
INPUT
(IN+ pin)
t
r
t
f
Low
90%
10%
ENABLE
(IN+ pin)
OUTPUT
t
D1
High
t
D1
Low
High
INPUT
(IN- pin)
t
r
t
f
Low
90%
10%
ENABLE
(IN+ pin)
OUTPUT
t
D1
High
t
D1
Low
High
INPUT
(IN- pin)
t
r
t
f
t
D2
t
D2
90%
10%
OUTPUT
Low
High
IN+ pin
Low
High
INPUT
(IN- pin)
t
f
t
r
t
D2
t
D2
90%
10%
OUTPUT
Low
High
IN+ pin
Low
High
INPUT
(IN- pin)
t
f
t
r
UCC27517
UCC27516
SLUSAY4B – MARCH 2012 – REVISED JUNE 2012
www.ti.com
Figure 2. Inverting Configuration
(PWM input to IN- pin (IN+ pin tied to VDD))
Figure 3. Enable and Disable Function Using IN+ Pin
(Enable and disable signal applied to IN+ pin, PWM input to IN- pin)
Figure 4. Enable and Disable Function Using IN- Pin
(Enable and disable signal applied to IN- pin, PWM input to IN+ pin)
6
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27517 UCC27516


Similar Part No. - UCC27517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A TI1-UCC27517A Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517ADBVR TI1-UCC27517ADBVR Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27517ADBVT TI1-UCC27517ADBVT Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
More results

Similar Description - UCC27517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511 TI1-UCC27511 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com