Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27511DBV Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC27511DBV
Description  Single Channel High-Speed, Low-Side Gate Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27511DBV Datasheet(HTML) 2 Page - Texas Instruments

  UCC27511DBV Datasheet HTML 1Page - Texas Instruments UCC27511DBV Datasheet HTML 2Page - Texas Instruments UCC27511DBV Datasheet HTML 3Page - Texas Instruments UCC27511DBV Datasheet HTML 4Page - Texas Instruments UCC27511DBV Datasheet HTML 5Page - Texas Instruments UCC27511DBV Datasheet HTML 6Page - Texas Instruments UCC27511DBV Datasheet HTML 7Page - Texas Instruments UCC27511DBV Datasheet HTML 8Page - Texas Instruments UCC27511DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
6
5
4
1
2
3
IN+
IN-
GND
VDD
OUTH
OUTL
UCC27511
R1
R2
Q1
IN+
D1
C1
+
VOUT
VSOURCE
L1
C2
V+
4.5 V to 18 V
Non-Inverting Input
6
5
4
1
2
3
IN+
IN-
GND
VDD
OUTH
OUTL
UCC27511
R1
R2
Q1
IN-
D1
C1
+
VOUT
VSOURCE
L1
C2
V+
4.5 V to 18 V
Inverting Input
UCC27511
SLUSAW9B – FEBRUARY 2012 – REVISED MARCH 2012
www.ti.com
Typical Application Diagrams
DESCRIPTION (CONT.)
UCC27511 features a dual-input design which offers flexibility of implementing both inverting (IN- pin) and non-
inverting (IN+ pin) configuration with the same device. Either IN+ or IN- pin can be used to control the state of
the driver output. The unused input pin can be used for enable/disable function. For safety purpose, internal pull-
up and pull-down resistors on the input pins ensure that outputs are held low when input pins are in floating
condition. Hence the unused input pin cannot be left floating and needs to be properly biased to ensure that
driver output is in enabled for normal operation.
The input pin threshold of the UCC27511 device is based on TTL/CMOS-compatible low-voltage logic which is
fixed and independent of the VDD supply voltage. Wide hysteresis between the high and low thresholds offers
excellent noise immunity.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
OPERATING
PEAK CURRENT
INPUT THRESHOLD
PART NUMBER
PACKAGE
TEMPERATURE RANGE,
(SOURCE/SINK)
LOGIC
TA
CMOS/TTL-Compatible
4-A/8-A
UCC27511DBV
SOT-23 6-pin
(low voltage, independent
-40°C to 140°C
(Asymmetrical Drive)
of VDD bias voltage)
(1)
For the most current package and ordering information, see Package Option Addendum at the end of this document.
(2)
All packages use Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to be
compatible with either lead free or Sn/Pb soldering operations. DRS package is rated MSL level 2.
Table 1. UCC2751x Product Family Summary
PART NUMBER
PACKAGE
PEAK CURRENT
INPUT THRESHOLD LOGIC
(SOURCE/SINK)
UCC27511DBV
SOT-23, 6 pin
4-A/8-A
CMOS/TTL-Compatible
(Asymmetrical Drive)
(low voltage, independent of VDD
UCC27512DRS (1)
3 mm x 3 mm WSON, 6 pin
bias voltage)
UCC27516DRS (1)
3 mm x 3 mm WSON, 6 pin
4-A/4-A
(Symmetrical Drive)
UCC27517DBV (1)
SOT-23, 5 pin
UCC27518DBV (1)
SOT-23, 5 pin
CMOS
(follows VDD bias voltage)
UCC27519DBV (1)
SOT-23, 5 pin
(1)
Visit www.ti.com for the latest product datasheet.
2
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - UCC27511DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27511DBV TI1-UCC27511DBV Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511DBV TI1-UCC27511DBV Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27511DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27517 TI1-UCC27517 Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27518 TI1-UCC27518 Datasheet
671Kb / 24P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111 Datasheet
883Kb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com