Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TWL6041BYFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TWL6041BYFFT
Description  8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TWL6041BYFFT Datasheet(HTML) 2 Page - Texas Instruments

  TWL6041BYFFT Datasheet HTML 1Page - Texas Instruments TWL6041BYFFT Datasheet HTML 2Page - Texas Instruments TWL6041BYFFT Datasheet HTML 3Page - Texas Instruments TWL6041BYFFT Datasheet HTML 4Page - Texas Instruments TWL6041BYFFT Datasheet HTML 5Page - Texas Instruments TWL6041BYFFT Datasheet HTML 6Page - Texas Instruments TWL6041BYFFT Datasheet HTML 7Page - Texas Instruments TWL6041BYFFT Datasheet HTML 8Page - Texas Instruments TWL6041BYFFT Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TWL6041
SWCS058B
– AUGUST 2010 – REVISED DECEMBER 2011
www.ti.com
DESCRIPTION
The TWL6041 is an audio codec with a high level of integration providing analog audio codec functions for
portable applications, as shown in Figure 1. It contains multiple audio analog inputs and outputs, as well as
microphone biases and accessory detection. It is connected to the OMAP4 host processor through a proprietary
PDM interface for audio data communication enabling partitioning with optimized power consumption and
performance. Multichannel audio data is multiplexed to a single wire for downlink (PDML) and uplink (PDMUL).
The OMAP4 device provides a TWL6041 with five PDM audio-input channels (DL0
–DL4). Channels DL0–DL3
are connected to four parallel DAC channels multiplexed to stereo headphone (HSL, HSR), stereo speaker (HFL,
HFR), and earpiece (EAR) or stereo line outputs (AUXL, AUXR).
The stereo headphone path has a low-power (LP) mode operating from a 32-kHz sleep clock to enable over 100
hours of MP3 playback time. Very-high dynamic range of 104 dBA is achieved when using the system clock input
and DAC path high-performance (HP) mode. Class-AB headphone drivers provide a 1-Vrms output and are
ground centered for capless connection to headphone, thus enabling system size and cost reduction. The
earpiece driver is a differential class-AB driver with 2-Vrms capability to a typical 32-
Ω load or 1.4-Vrms to a
typical 16-
Ω load.
Stereo speaker path has filterless class-D outputs with 1.5-W capability per channel. Additionally, the 4-
Ω load is
supported. For output power maximization supply connection to an external boost is supported. Speaker drivers
support also hearing aid coil loads.
For vibrator and haptic feedback support TWL6041 has two PWM channels with independent input signals from
DL4 or I2C. Vibra drivers are differential H-bridge outputs, enabling fast acceleration and deceleration of vibra
motor. An external driver for a hearing aid coil or a piezo speaker requiring high voltage can be connected to line
outputs.
The TWL6041 supports three differential microphone inputs (MMIC, HMIC, SMIC) and a stereo line-input (AFML,
AFMR) multiplexed to two parallel analog-to-digital converters (ADCs). The PDM output from the ADCs is
transmitted to the OMAP4 through UL0 and UL1. AFML, AFMR inputs can also be looped to analog outputs
(LB0, LB1).
Two LDOs provide a voltage of 2.1 V to bias analog microphones (MBIAS and HBIAS). The maximum output
current is 2 mA for each analog bias, allowing up to 2 microphones on one bias. Two LDOs provide a voltage of
1.8 V/1.85 V to bias digital microphones (DBIAS1 and DBIAS2). One bias generator can bias up several digital
microphones at the same time, with a total maximum output current of 10 mA.
The TWL6041 has an integrated negative charge pump and two LDOs (HS LDO and LS LDO) for high PSRR.
The only external supply needed is 2.1 V, which is available from the 2.1-V DC-DC of TWL6030/6032 PMIC of
OMAP. By powering audio from low-noise 2.1-V DC-DC of low power consumption, high dynamic range and high
output swing at headset output are achieved. All other supply inputs can be directly connected to battery or
system 1.8-V I/O.
Two integrated phase-locked loops (PLLs) enable operatation from a 12/19.2/26/38.4-MHz system clock (MCLK)
or, in LP playback mode, from a 32-kHz sleep clock (CLK32K). The frequency plan is based on a 48-kS/s audio
data rate for all channels, and host processor uses sample-rate converters to interface with different sample
rates (that is, 44.1 kHz). In the specific case of low-power audio playback, the 44.1-kS/s and 48-kS/s rates are
supported by the TWL6041. Transitions between sample rates or input clocks are seamless.
Accessory plug and unplug detections are supported (PLUGDET). Some headsets have a manual switch for
submitting send/end signal to the terminal through the microphone input pin. This feature is supported by a
periodic accessory button press detection to minimize current consumption in sleep mode. Detection cycle
properties can be programmed according to system requirements.
Figure 1 shows a simplified block diagram of the device.
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6041BYFFT TI1-TWL6041BYFFT Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
More results

Similar Description - TWL6041BYFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TWL6040 TI1-TWL6040 Datasheet
533Kb / 37P
[Old version datasheet]   8-CHANNEL HIGH_QUALITY LOW-POWER AUDIO CODEC FOR PORTABLE APPLICATIONS
TWL6041 TI1-TWL6041_14 Datasheet
684Kb / 12P
[Old version datasheet]   8-Channel Low-Power Audio Codec for Portable Applications
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Texas Instruments
TWL6040 TI1-TWL6040_16 Datasheet
724Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
logo
Asahi Kasei Microsystem...
AK4611 AKM-AK4611 Datasheet
995Kb / 68P
   4/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
logo
Texas Instruments
TWL6040 TI-TWL6040_V02 Datasheet
458Kb / 15P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
TWL6040 TI-TWL6040_V01 Datasheet
749Kb / 12P
[Old version datasheet]   TWL6040 8-Channel Low-Power Audio Codec for Portable Applications
REVISED AUGUST 2014
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com