Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXB0302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TXB0302
Description  2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXB0302 Datasheet(HTML) 3 Page - Texas Instruments

  TXB0302 Datasheet HTML 1Page - Texas Instruments TXB0302 Datasheet HTML 2Page - Texas Instruments TXB0302 Datasheet HTML 3Page - Texas Instruments TXB0302 Datasheet HTML 4Page - Texas Instruments TXB0302 Datasheet HTML 5Page - Texas Instruments TXB0302 Datasheet HTML 6Page - Texas Instruments TXB0302 Datasheet HTML 7Page - Texas Instruments TXB0302 Datasheet HTML 8Page - Texas Instruments TXB0302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TXB0302
www.ti.com
SCES837A – MARCH 2012 – REVISED MAY 2012
RECOMMENDED OPERATING CONDITIONS
(1)
VCCA
VCCB
MIN
MAX
UNIT
VCCA
0.9
3.6
Supply voltage
V
VCCB
0.9
3.6
VCCI
(2) ×
Data inputs
0.9 V to 3.6 V
0.9 V to 3.6 V
VCCI
(2)
0.65
VIH
High-level input voltage
V
OE
0.9 V to 3.6 V
0.9 V to 3.6 V
VCCA × 0.65
3.6
Data inputs
0.9 V to 3.6 V
0.9 V to 3.6 V
0 VCCI
(2)× 0.35
VIL
Low-level input voltage
V
OE
0.9 V to 3.6 V
0.9 V to 3.6 V
0
VCCA × 0.35
A-port
0.9 V to 3.6 V
0.9 V to 3.6 V
0
3.6
Voltage range applied to any output in
VO
V
the high-impedance or power-off state B-port
0.9 V to 3.6 V
0.9 V to 3.6 V
0
3.6
A-port inputs
0.9 V to 3.6 V
0.9 V to 3.6 V
40
Δt/Δv
Input transition rise or fall rate
ns/V
B-port inputs
0.9 V to 3.6 V
0.9 V to 3.6 V
40
TA
Operating free-air temperature
–40
85
°C
(1)
The A and B sides of an unused data I/O pair must be held in the same state, i.e., both at VCCI or both at GND.
(2)
VCCI is the supply voltage associated with the input port.
ELECTRICAL CHARACTERISTICS
TA = 25°C
–40°C to 85°C
PARAMETER
TEST CONDITIONS
VCCA
VCCB
UNIT
MIN
TYP
MAX
MIN
MAX
VOHA
IOH = –20 μA
0.9 V to 3.6 V
0.9 x VCCA
V
VOLA
IOL = 20 μA
0.9 V to 3.6 V
0.2
V
VOHB
IOH = –20 μA
0.9 V to 3.6 V
0.9 x VCCB
V
VOLB
IOL = 20 μA
0.9 V to 3.6 V
0.2
V
II
OE
VI = VCCI or GND
0.9 V to 3.6 V
0.9 V to 3.6 V
±1
±2
μA
A port
VI or VO = 0 to 3.6 V
0 V
0 V to 3.6 V
±1
±2
Ioff
μA
B port
VI or VO = 0 to 3.6 V
0.9 V to 3.6 V
0 V
±1
±2
IOZ
A or B port
OE = GND
0.9 V to 3.6 V
0.9 V to 3.6 V
±1
±2
μA
ICCA
VI = VCCI or GND, IO = 0
0.9 V to 3.6 V
0.9 V to 3.6 V
5
μA
ICCB
VI = VCCI or GND, IO = 0
0.9 V to 3.6 V
0.9 V to 3.6 V
5
μA
ICCA + ICCB
VI = VCCI or GND, IO = 0
0.9 V to 3.6 V
0.9 V to 3.6 V
10
μA
ICCZA
VI = VCCI or GND, IO = 0, OE = GND
0.9 V to 3.6 V
0.9 V to 3.6 V
5
μA
ICCZB
VI = VCCI or GND, IO = 0, OE = GND
0.9 V to 3.6 V
0.9 V to 3.6 V
5
μA
Ci
OE
0.9 V to 3.6 V
0.9 V to 3.6 V
3
pF
A port
0.9 V to 3.6 V
0.9 V to 3.6 V
9
Cio
pF
B port
12
TIMING REQUIREMENTS
VCCA
VCCB
MIN
MAX
UNIT
CL = 15 pF
0.9 to 3.6 V
0.9 to 3.6 V
40
Mbps
CL = 15 pF
1.2 to 3.6 V
1.2 to 3.6 V
100
Mbps
CL = 15 pF
1.8 to 3.6 V
1.8 to 3.6 V
140
Mbps
CL = 30 pF
0.9 to 3.6 V
0.9 to 3.6 V
40
Mbps
Data rate
CL = 30 pF
1.2 to 3.6 V
1.2 to 3.6 V
90
Mbps
CL = 30 pF
1.8 to 3.6 V
1.8 to 3.6 V
120
Mbps
CL = 50 pF
1.2 to 3.6 V
1.2 to 3.6 V
70
Mbps
CL = 50 pF
1.8 to 3.6 V
1.8 to 3.6 V
100
Mbps
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TXB0302


Similar Part No. - TXB0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0304RSVR TI1-TXB0304RSVR Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0304RSVR TI1-TXB0304RSVR Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
TXB0304RUTR TI1-TXB0304RUTR Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0304RUTR TI1-TXB0304RUTR Datasheet
982Kb / 25P
[Old version datasheet]   4-Bit Bidirectional Level-Shifter/Voltage Translator
More results

Similar Description - TXB0302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0304 TI1-TXB0304 Datasheet
614Kb / 14P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
TXB0104-Q1 TI1-TXB0104-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   TXB0104-Q1 4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
logo
Union Semiconductor, In...
UM3301 UNIONSEMI-UM3301 Datasheet
371Kb / 13P
   1-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing
logo
Global Mixed-mode Techn...
G2129 GMT-G2129 Datasheet
132Kb / 1P
   1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0108 TI1-TXB0108_16 Datasheet
1Mb / 32P
[Old version datasheet]   TXB0108 8-Bit Bidirectional Voltage-Level Translator with Auto-Direction Sensing
logo
Union Semiconductor, In...
UM3302H UNIONSEMI-UM3302H_14 Datasheet
377Kb / 13P
   2-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and ESD Protection
logo
Texas Instruments
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
[Old version datasheet]   4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com