Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU6111RSVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TSU6111RSVR
Description  USB Port SP2T Switch Supports USB & UART
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU6111RSVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSU6111RSVR Datasheet HTML 2Page - Texas Instruments TSU6111RSVR Datasheet HTML 3Page - Texas Instruments TSU6111RSVR Datasheet HTML 4Page - Texas Instruments TSU6111RSVR Datasheet HTML 5Page - Texas Instruments TSU6111RSVR Datasheet HTML 6Page - Texas Instruments TSU6111RSVR Datasheet HTML 7Page - Texas Instruments TSU6111RSVR Datasheet HTML 8Page - Texas Instruments TSU6111RSVR Datasheet HTML 9Page - Texas Instruments TSU6111RSVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TSU6111A
SCDS331
– FEBRUARY 2012
www.ti.com
ELECTRICAL SPECIFICATION
over operating free-air temperature range (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
MAX
UNIT
DIGITAL SIGNALS
– I2C INTERFACE (SCL and SDA)
VDDIO
Logic and I/O supply voltage
1.65
3.6
V
VIH
High-level input voltage
VDDIO × 0.7
VDDIO
V
VIL
Low-level input voltage
0
VDDIO × 0.3
V
VOH
High-level output voltage
IOH = –3 mA
VDDIO × 0.7
V
VOL
Low-level output voltage
IOL = 3 mA
0.4
V
fSCL
SCL frequency
400
kHz
JIG OUTPUT (TSU6111A
– OPEN-DRAIN OUTPUT, ACTIVE LOW)
VOL
Low-level output voltage
IOL = 10 mA, VBAT = 3.0 V
0.5
V
INTB AND BOOT (PUSH-PULL OUTPUT)
VOH
High-level output voltage
IOH = –4 mA , VDDIO = 1.65 V
1.16
VDDIO
V
VOL
Low-level output voltage
IOL = 4 mA , VDDIO = 1.65 V
0
0.33
V
ELECTRICAL SPECIFICATIONS
(1)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TOTAL SWITCH CURRENT CONSUMPTION
IBAT(Standby)
VBAT Standby current consumption
VBUS = 0 V, Idle state
25
30
µA
IDD(Operating)
VBAT Operating current consumption
VBUS_IN = 0 V, USB switches ON
45
75
µA
VOLTAGE PROTECTION
VBUS under voltage +
Voltage is rising
2.85
VVBUS_UVLO
V
VBUS under voltage–
Voltage is falling
2.55
VBUS under voltage +
Voltage is rising
2.65
VVBAT_UVLO
V
VBUS under voltage–
Voltage is falling
2.45
VBUS under voltage +
Voltage is rising
1.30
VVDDIO_UVLO
V
VBUS under voltage–
Voltage is falling
1.05
(1)
VO is equal to the asserted voltage on DP_CON and DM_CON pins. VI is equal to the asserted voltage on DP_HT and DM_HT pins. IO
is equal to the current on the DP_CON and DM_CON pins. II is equal to the current on the DP_HT and DM_HT pins.
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s): TSU6111A


Similar Part No. - TSU6111RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6111RSVR TI1-TSU6111RSVR Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
More results

Similar Description - TSU6111RSVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
[Old version datasheet]   SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
TSU6721YFF TI-TSU6721YFF Datasheet
658Kb / 38P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com