Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DV621RUAR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DV621RUAR
Description  12-Channel 1:2 MUX/DEMUX Switch with Integrated 4-Channel Sideband Signal Switching
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV621RUAR Datasheet(HTML) 2 Page - Texas Instruments

  TS3DV621RUAR Datasheet HTML 1Page - Texas Instruments TS3DV621RUAR Datasheet HTML 2Page - Texas Instruments TS3DV621RUAR Datasheet HTML 3Page - Texas Instruments TS3DV621RUAR Datasheet HTML 4Page - Texas Instruments TS3DV621RUAR Datasheet HTML 5Page - Texas Instruments TS3DV621RUAR Datasheet HTML 6Page - Texas Instruments TS3DV621RUAR Datasheet HTML 7Page - Texas Instruments TS3DV621RUAR Datasheet HTML 8Page - Texas Instruments TS3DV621RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
37
35
33
38
36
34
31
29
30
32
2
4
6
8
12
10
14
16
1
3
5
7
11
9
13
15
17
22
24
23
26
28
27
25
D1+A
D3+A
D1–A
D3–A
D2+A
AUX+A
D2–A
AUX–A
D1+B
D3+B
D1–B
D3–B
D2+B
AUX+B
D2–B
AUX–V
VCC
VCC
D0+
D0–
D1+
EN
AUX–
D1–
D2+
D2–
SEL1
SEL2
D3+
D3–
AUX+
HPD
CEC
VCC
GND
TS3DV621
SCDS330B – JANUARY 2012 – REVISED MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PIN FUNCTIONS
PIN
I/O TYPE
DESCRIPTION
NAME
NO.
VCC
1,17, 30
Power
Supply Voltage
GND
PowerPad
Ground
Ground
EN
8
I
Enable Input
SEL1
9
I
Select Input 1
SEL2
10
I
Select Input 2
D0+A
41
I/O
Port A, Lane 0, +ve signal
D0-A
39
I/O
Port A, Lane 0, -ve signal
D1+A
38
I/O
Port A, Lane 1, +ve signal
D1-A
36
I/O
Port A, Lane 1, -ve signal
D2+A
34
I/O
Port A, Lane 2, +ve signal
D2-A
32
I/O
Port A, Lane 2, -ve signal
D3+A
29
I/O
Port A, Lane 3, +ve signal
D3-A
27
I/O
Port A, Lane 3, -ve signal
D0+B
42
I/O
Port B, Lane 0, +ve signal
D0-B
40
I/O
Port B, Lane 0, -ve signal
D1+B
37
I/O
Port B, Lane 1, +ve signal
D1-B
35
I/O
Port B, Lane 1, -ve signal
D2+B
33
I/O
Port B, Lane 2, +ve signal
D2-B
31
I/O
Port B, Lane 2, -ve signal
D3+B
28
I/O
Port B, Lane 3, +ve signal
D3-B
26
I/O
Port B, Lane 3, -ve signal
D0+
2
I/O
Common Port, Lane 0, +ve signal
D0–
3
I/O
Common Port, Lane 0, -ve signal
D1+
4
I/O
Common Port, Lane 1, +ve signal
D1–
5
I/O
Common Port, Lane 1, -ve signal
D2+
6
I/O
Common Port, Lane 2, +ve signal
D2–
7
I/O
Common Port, Lane 2, -ve signal
D3+
11
I/O
Common Port, Lane 3, +ve signal
D3-
12
I/O
Common Port, Lane 3, -ve signal
AUX+A
25
I/O
+ve AUX Channel for Port A
AUX-A
23
I/O
-ve AUX Channel for Port A
HPDA
21
I/O
Port A HPD
CECA
19
I/O
Port A CEC
AUX+B
24
I/O
+ve AUX Channel for Port B
AUX-B
22
I/O
-ve AUX Channel for Port B
HPDB
20
I/O
Port B HPD
CECB
18
I/O
Port B CEC
AUX+
13
I/O
+ve AUX Channel for Common Port
AUX–
14
I/O
-ve AUX Channel for Common Port
HPD
15
I/O
HPD for Common Port
CEC
16
I/O
CEC for Common Port
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TS3DV621


Similar Part No. - TS3DV621RUAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DV642 TI1-TS3DV642 Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642 TI-TS3DV642 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642A0RUAR TI1-TS3DV642A0RUAR Datasheet
1,019Kb / 17P
[Old version datasheet]   12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
More results

Similar Description - TS3DV621RUAR

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
logo
Potato Semiconductor Co...
PO3B402A POTATO-PO3B402A Datasheet
568Kb / 6P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
PO3B402A POTATO-PO3B402A_14 Datasheet
956Kb / 5P
   4-Port 2-Channel, 2:1 Mux/DeMux Switch
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
PI2DBS212 PERICOM-PI2DBS212_14 Datasheet
1Mb / 10P
   2.0GHz, Differential Broadband Signal Switch, 2-Differential Channel, 2:1 Mux/DeMux Switch
logo
Potato Semiconductor Co...
PO3B20A POTATO-PO3B20A Datasheet
548Kb / 6P
   4-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
PO3B14A POTATO-PO3B14A_14 Datasheet
1Mb / 6P
   2 channel 4:1 Mux/DeMux with Single Enable
logo
Pericom Semiconductor C...
PI3HDMI414 PERICOM-PI3HDMI414 Datasheet
944Kb / 10P
   4-Differential Channel, 4:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch
logo
Potato Semiconductor Co...
PO3B10A POTATO-PO3B10A Datasheet
543Kb / 6P
   2-Channel, 2:1 Mux/DeMux Switch w/ Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com