Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61258YFF Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS61258YFF
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61258YFF Datasheet(HTML) 3 Page - Texas Instruments

  TPS61258YFF Datasheet HTML 1Page - Texas Instruments TPS61258YFF Datasheet HTML 2Page - Texas Instruments TPS61258YFF Datasheet HTML 3Page - Texas Instruments TPS61258YFF Datasheet HTML 4Page - Texas Instruments TPS61258YFF Datasheet HTML 5Page - Texas Instruments TPS61258YFF Datasheet HTML 6Page - Texas Instruments TPS61258YFF Datasheet HTML 7Page - Texas Instruments TPS61258YFF Datasheet HTML 8Page - Texas Instruments TPS61258YFF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
TPS61253, TPS61254, TPS61256, TPS61258
www.ti.com
SLVSAG8B – SEPTEMBER 2011 – REVISED MAY 2012
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
TPS61253
2.65(1)
4.85
TPS61254
2.5
4.35
TPS61256
2.5
4.85
VI
Input voltage range
V
TPS61257
2.5
4.15
TPS61258
2.65(1)
4.35
TPS61259
2.65(1)
4.85
RL
Minimum resistive load for start-up
TPS6125X
55
Ω
L
Inductance
0.7
1.0
2.9
µH
CO
Output capacitance
3.5
5
50
µF
TA
Ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Up to 1000mA peak output current.
THERMAL INFORMATION
TPS6125x
THERMAL METRIC(1)
YFF
UNIT
9 PINS
θJA
Junction-to-ambient thermal resistance
110
θJCtop
Junction-to-case (top) thermal resistance
θJB
Junction-to-board thermal resistance
35
°C/W
ψJT
Junction-to-top characterization parameter
ψJB
Junction-to-board characterization parameter
50
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
ELECTRICAL CHARACTERISTICS
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 4.5V (or VIN, whichever is higher), EN = 1.8V, TA = –40°C to
85°C; Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT
= 4.5V, EN = 1.8V, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Operating quiescent current
30
45
µA
IOUT = 0mA, VIN = 3.6V
into VIN
EN = VIN, BP = GND
Operating quiescent current
Device not switching
7
15
µA
into VOUT
IQ
TPS6125x
Standby mode quiescent current
11
20
µA
IOUT = 0mA, VIN = VOUT = 3.6V
into VIN
EN = GND, BP = VIN
Standby mode quiescent current
Device not switching
9.5
15
µA
into VOUT
ISD
Shutdown current
TPS6125x
EN = GND, BP = GND
0.85
5.0
μA
Falling
2.0
2.1
V
VUVLO
Under-voltage lockout threshold
TPS6125x
Hysteresis
0.1
V
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61253 TPS61254 TPS61256 TPS61258


Similar Part No. - TPS61258YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61258YFFR TI1-TPS61258YFFR Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFR TI1-TPS61258YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFT TI1-TPS61258YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFT TI1-TPS61258YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61258YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com